Electronic Components Datasheet Search
  English  ▼

X  

EP4001 Datasheet(PDF) 4 Page - Eorex Corporation

Part # EP4001
Description  High Efficiency, Step-Up Converter with EXT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP4001 Datasheet(HTML) 4 Page - Eorex Corporation

  EP4001 Datasheet HTML 1Page - Eorex Corporation EP4001 Datasheet HTML 2Page - Eorex Corporation EP4001 Datasheet HTML 3Page - Eorex Corporation EP4001 Datasheet HTML 4Page - Eorex Corporation EP4001 Datasheet HTML 5Page - Eorex Corporation EP4001 Datasheet HTML 6Page - Eorex Corporation EP4001 Datasheet HTML 7Page - Eorex Corporation EP4001 Datasheet HTML 8Page - Eorex Corporation EP4001 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
eorex
EP4001
Aug. 2006
www.eorex.com
4/10
Electrical Characteristics
(VIN = 1.5V, VOUT=3.3V, IL = 0mA, TA=25°C, Test Circuit Figure 2, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VS
Start-up Voltage
IL=1mA
0.85
1.05
V
Operating VOUT Range
VIN pin voltage
2
4.2
V
IQ
Quiescent Current (Shutdown
Current)
EN pin = 0V, VIN=4.5V
0.01
1
µA
IQ
Quiescent Current (Switch-off
Current)
VIN=6V
35
50
µA
IQ
Quiescent Current (Continuous
Switching Current)
VIN=EN=3.3V,
VFB=GND
0.4
0.6
mA
IQ
Quiescent Current (No Load
Current)
110
µA
TA =+25°C
1.195
1.220
1.245
V
0°C
≤TA ≤ 85°C
1.190
1.220
1.250
V
VFB
Feedback Reference Voltage
-40°C
≤TA ≤ 85°C
1.183
1.220
1.257
V
FS
Switching Frequency
380
450
520
KHz
DMAX
Maximum Duty
85
90
%
SW ON Resistance
0.03
1.1
Ω
ILIMIT
Current Limit Setting
2
A
EXT ON Resistance to VIN
16
Ω
EXT ON Resistance to GND
18
Ω
VOUT
Output Voltage
VIN=1.5V, IL=100mA
-40°C
≤TA ≤ 85°C
3.200
3.300
3.400
V
VOUT
Output Voltage
VIN=3.0V, IL=300mA
-40°C
≤TA ≤ 85°C
3.200
3.300
3.400
V
∆VLINE
Line Regulation
VIN=1V to 3V, IL=1mA
0.3
mV/V
∆VLOAD
Load Regulation
VIN=1.5V, IL=1mA to
100mA
0.4
mV/mA
∆VLOAD
Load Regulation
VIN=3.0V, IL=1mA to
300mA
0.4
mV/mA
EN Pin Trip Level
0.4
0.8
1.2
V
TS
Temperature Stability for VOUT
110
ppm/°C
Thermal Shutdown
165
°C
Thermal Shutdown Hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com