Electronic Components Datasheet Search
  English  ▼

X  

EP3102 Datasheet(PDF) 8 Page - Eorex Corporation

Part # EP3102
Description  150 KHz, 2A Asynchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3102 Datasheet(HTML) 8 Page - Eorex Corporation

Back Button EP3102 Datasheet HTML 2Page - Eorex Corporation EP3102 Datasheet HTML 3Page - Eorex Corporation EP3102 Datasheet HTML 4Page - Eorex Corporation EP3102 Datasheet HTML 5Page - Eorex Corporation EP3102 Datasheet HTML 6Page - Eorex Corporation EP3102 Datasheet HTML 7Page - Eorex Corporation EP3102 Datasheet HTML 8Page - Eorex Corporation EP3102 Datasheet HTML 9Page - Eorex Corporation EP3102 Datasheet HTML 10Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
eorex
EP3102
Nov. 2006
www.eorex.com
8/10
Applications Information (Continued)
(2) Adjustable Type Circuit
330uF
CIN
D1
COUT
L1
33uH
2.5V/2A
Output Load
Schottky Diode
330uF
12V
DC Input
++
R2
VIN
SW
FB
GND
EN
EP3102
1
8
2
3
4
GND
6
7
GND
GND
5
R1
Inductor
VOUT= VFB ×
⎟
⎠
⎞
⎜
⎝
⎛
+
R2
R1
1
VFB=1.23V
R2=1K ~ 3K
(3) Delay Start Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com