Electronic Components Datasheet Search
  English  ▼

X  

EP3102 Datasheet(PDF) 9 Page - Eorex Corporation

Part # EP3102
Description  150 KHz, 2A Asynchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3102 Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EP3102 Datasheet HTML 2Page - Eorex Corporation EP3102 Datasheet HTML 3Page - Eorex Corporation EP3102 Datasheet HTML 4Page - Eorex Corporation EP3102 Datasheet HTML 5Page - Eorex Corporation EP3102 Datasheet HTML 6Page - Eorex Corporation EP3102 Datasheet HTML 7Page - Eorex Corporation EP3102 Datasheet HTML 8Page - Eorex Corporation EP3102 Datasheet HTML 9Page - Eorex Corporation EP3102 Datasheet HTML 10Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
eorex
EP3102
Nov. 2006
www.eorex.com
9/10
Thermal Considerations
The SOP-8 package needs a heat sink under most conditions. The size of the heat-sink depends on the
input voltage, the output voltage, the load current and the ambient temperature. The EP3102 junction
temperature rises above ambient temperature for a 2A load and different input and output voltages.
The data for these curves was taken with the EP3102 operating as a buck switching regulator in an
ambient temperature of 25°C (still air). These temperature increments are all approximate and are
affected by many factors. Some of these factors include board size, shape, thickness, position, location,
and even board temperature. Other factors are traced width, total printed circuit copper area, copper
thickness, single or double-sided, multi-layer board and amount of solder on the board. Higher ambient
temperatures require more heat sinking.
For the best thermal performance, wide copper traces and generous amounts of printed circuit board
copper should be used in the board layout. (One exception is the out (switch) pin, which should not have
large areas of copper.) Large areas of copper provide the best transfer of heat (lower thermal resistance)
to the surrounding air, and moving air lowers the thermal resistance even further.
The effectiveness of the PC board to dissipate heat also depends on the size, quantity and spacing of
other components on the board, as well as whether the surrounding air is still or moving. Furthermore,
some of these components such as the catch diode will add heat to the PC board and heat can vary as
the input voltage changes. For the inductor, depending on the physical size, type of core material and the
DC resistance, it could either act as a heat sink taking heat away from the board, or it could add heat to
the board.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com