Electronic Components Datasheet Search
  English  ▼

X  

AP25G02NF Datasheet(PDF) 8 Page - A POWER MICROELECTRONICS

Part # AP25G02NF
Description  20V NP-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP25G02NF Datasheet(HTML) 8 Page - A POWER MICROELECTRONICS

Back Button AP25G02NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP25G02NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP25G02NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP25G02NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP25G02NF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP25G02NF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP25G02NF Datasheet HTML 9Page - A POWER MICROELECTRONICS AP25G02NF Datasheet HTML 10Page - A POWER MICROELECTRONICS AP25G02NF Datasheet HTML 11Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP25G02NF
20V N+P-Channel Enhancement Mode MOSFET
AP25G02NF RVE1.0
永源微電子科技有限公司
Package Mechanical Data-PDFN5*6-8L-XZT Double(New)
Symbol
Common
mm
Mim
Typ
Max
A
0.900
1.000
1.100
A1
0.254
A2
0-0.05
D
4.824
4.900
4.976
D1
1.605
1.05
1.805
D2
0.500
0.600
0.700
D3
4.924
5.000
5.076
E
5.924
6.000
6.076
E1
3.375
3.475
3.575
E2
5.674
5.750
5.826
b
0.350
0.400
0.450
e
1.270
L
0.534
0.610
0.686
L1
0.424
0.500
0.576
L2
1.800 REF
K
1.190
1.29
1.390
H
0.549
0.625
0.701
θ
8°
10°
12°
d
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com