Electronic Components Datasheet Search
  English  ▼

X  

M27W800 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M27W800
Description  8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W800 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M27W800 Datasheet HTML 2Page - STMicroelectronics M27W800 Datasheet HTML 3Page - STMicroelectronics M27W800 Datasheet HTML 4Page - STMicroelectronics M27W800 Datasheet HTML 5Page - STMicroelectronics M27W800 Datasheet HTML 6Page - STMicroelectronics M27W800 Datasheet HTML 7Page - STMicroelectronics M27W800 Datasheet HTML 8Page - STMicroelectronics M27W800 Datasheet HTML 9Page - STMicroelectronics M27W800 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
M27W800
6/15
Figure 5. Word-Wide Read Mode AC Waveforms
Note: BYTEVPP = VIH.
AI01596B
tAXQX
tEHQZ
A0-A18
E
G
Q0-Q15
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID
Table 8. Read Mode AC Characteristics (1)
(TA = –40 to 85 °C; VCC = 2.7 to 3.6V; VPP = VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP
2. Sampled only, not 100% tested.
3. Speed obtained with High Speed measurement conditions.
Symbol
Alt
Parameter
Test Condition
M27W800
Unit
-100 (3)
-120
VCC = 3.0 to
3.6V
VCC = 2.7 to
3.6V
VCC = 2.7 to
3.6V
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL, G = VIL
90
100
120
ns
tBHQV
tST
BYTE High to Output
Valid
E = VIL, G = VIL
90
100
120
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
90
100
120
ns
tGLQV
tOE
Output Enable Low to
Output Valid
E = VIL
45
50
60
ns
tBLQZ
(2)
tSTD
BYTE Low to Output
Hi-Z
E = VIL, G = VIL
45
45
50
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G = VIL
0
450
45
050
ns
tGHQZ
(2)
tDF
Output Enable High to
Output Hi-Z
E = VIL
0
450
45
050
ns
tAXQX
tOH
Address Transition to
Output Transition
E = VIL, G = VIL
555
ns
tBLQX
tOH
BYTE Low to Output
Transition
E = VIL, G = VIL
555
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com