Electronic Components Datasheet Search
  English  ▼

X  

NJM2829 Datasheet(PDF) 4 Page - Nisshinbo Micro Devices Inc.

Part # NJM2829
Description  Very Low Output Negative Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM2829 Datasheet(HTML) 4 Page - Nisshinbo Micro Devices Inc.

  NJM2829 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NJM2829
- 4 -
Ver.2012-09-07
TYPICALAPPLICATION
ON/OFF control
ON/OFF control can be achieved by applying positive control voltage to CONTROL terminal.
Apply positive Vcont ("H") to make chip to be ON (Enabled), and either Vcont is "L" or open (High Z) to make chip to
be OFF (Disabled).
The relations between Vcont and the state is as follows:
Vcont +1.6V
≤ Vcont ≤ +5V ("H" level):
ON state
Vcont 0V
≤ Vcont ≤ +0.6V ("L" level):
OFF state
Vcont +0.6V < Vcont < +1.6V ("L" level):
Undefined
In case ON/OFF control is not used, keep applying positive Vcont to CONTROL terminal to make chip ON.
Note that negative Vcont does not make the chip enabled.
VIN
VOUT
CONTROL
GND
0.1µF
2.2µF*3
VOUT
VIN
R
CS
CONTROL
CS
0.047µF
NJM2829
*3) Vo>-0.9V version: Co=4.7
µ F(Ceramic)
*In the case of using a resistance "R" to CONTROL terminal.
If this resistor is inserted, it can reduce the control current when the control voltage is high.
The applied voltage to control terminal should set to consider voltage drop through the resistor “R” and the minimum
control voltage for ON-state.
The VCONT(ON)and ICONT have temperature dependence as shown in the "Control Current vs. Temperature" and "
Control Voltage vs. Temperature" characteristics.
Therefore, the resistance "R" should be selected to consider the temperature characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com