Electronic Components Datasheet Search
  English  ▼

X  

NJM2829 Datasheet(PDF) 8 Page - Nisshinbo Micro Devices Inc.

Part # NJM2829
Description  Very Low Output Negative Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM2829 Datasheet(HTML) 8 Page - Nisshinbo Micro Devices Inc.

Back Button NJM2829 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. NJM2829 Datasheet HTML 11Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NJM2829
- 8 -
Ver.2012-09-07
0
100
200
300
400
500
02
4
6
8
10
12
14
NJM2829_-1.0V
Quiescent Current vs. Input Voltage
@:Ta=25
oC
Output is open.
Co=2.2uF(Ceramic)
Input Voltage : V IN(V)
0
50
100
150
200
250
300
246
8
10
12
14
NJM2829_-1.0V
Peak Output Current vs. Input Voltage
Input Voltage : V IN(V)
@:Ta=25
oC
Co=2.2uF(Ceramic)
0
20
40
60
80
100
120
Output Current : Io(A)
NJM2829_-1.0V
Output Noise Voltage vs. Output Current
@:Ta=25
oC
VIN=-3.2V
Co= 2.2uF(Ceramic)
4.7uF(Ceramic)
1u
10u
100u
1m
10m
100m
FLAT
LPF:80k
20
30
40
50
60
70
80
90
100
10
100
1000
104
105
Frequency : f (Hz)
NJM2829_-1.0V
Ripple Rejection Ratio vs. Frequency
Io=0mA
@:Ta=25
oC
VIN=-3.2V
ein=200mVrms
Co=2.2uF(Ceramic)
10
100
1k
10k
100k
Io=30mA
Io=100mA
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
Output Current : Io(mA)
NJM2829_-1.0V
Ripple Rejection vs. Output Current
f=1kHz
f=10kHz
@:Ta=25
oC
VIN=-3.2V
ein=200mVrms
Co=2.2uF(Ceramic)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
Output Current : Io(mA)
@:Ta=25
oC
Co=2.2uF(Ceramic)
NJM2829_-1.0V
Equivalent Serise Resistance vs. Output Current
STABLE REGION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com