Electronic Components Datasheet Search
  English  ▼

X  

LS8EQ Datasheet(PDF) 25 Page - PANDUIT CORP.

Part # LS8EQ
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8EQ Datasheet(HTML) 25 Page - PANDUIT CORP.

Back Button LS8EQ Datasheet HTML 20Page - PANDUIT CORP. LS8EQ Datasheet HTML 21Page - PANDUIT CORP. LS8EQ Datasheet HTML 22Page - PANDUIT CORP. LS8EQ Datasheet HTML 23Page - PANDUIT CORP. LS8EQ Datasheet HTML 24Page - PANDUIT CORP. LS8EQ Datasheet HTML 25Page - PANDUIT CORP. LS8EQ Datasheet HTML 26Page - PANDUIT CORP. LS8EQ Datasheet HTML 27Page - PANDUIT CORP. LS8EQ Datasheet HTML 28Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
23
For service and technical support, call 800-777-3300 or visit www.panduit.com
Ultimate ID ® Write-On Labels
• Write-on labels for use in Ultimate ID ® Faceplates, Surface Mount Boxes and Patch Panels
The TIA/EIA-606-A standard states that all labels shall be mechanically generated, write-on labels are not
standard compliant.
Permanent Marking Pens
• Fast drying permanent ink
• Can be used with write-on labels shown in this section
The TIA/EIA-606-A standard states that all labels shall be mechanically generated, write-on labels are not
standard compliant.
Ultimate ID ® Icons
• Provides port identification of data and
voice applications
• Snaps into Mini-Com ® Ultimate ID ® Faceplates,
Patch Panels and Surface Mount Boxes
‡For colors other than Off White, replace IW suffix at end of part number with EI (Electric Ivory),
WH (White), IG (International Gray), BL (Black), OR (Orange), RD (RED), BU (Blue), GR (Green),
YL (Yellow) or VL (Violet).
Ultimate ID ® Icons are not TIA/EIA-606-A standard compliant.
Ultimate ID ® Replacement Label Covers and Screw Covers
• Replacement label and screw covers available for use with Mini-Com ® Ultimate ID ® Faceplates,
Patch Panels, Hook & Loop Marker Ties and Surface Mount Boxes
‡For other colors replace CL (Clear) with appropriate color designation to match Ultimate ID ® component.
Labeling Accessories
Part Number
Part Description
Ink
Color
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PFX-0
Permanent marking pen – fine tip.
Black
12
144
PFX-2
Permanent marking pen – fine tip.
Red
12
144
Part Number
Part Description
Width
Height
Color
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
UIWOL1-L
1-port, white non-adhesive polyester
write-on label.
.680
17.3
.236
5.99
White
50
250
UIWOL2-L
2-port, white non-adhesive polyester
write-on label.
1.315 26.7
.236
5.99
White
50
250
UIWOL3-L
3-port, white non-adhesive polyester
write-on label.
1.950 27.4
.236
5.99
White
50
250
UIWOL4-L
4-port, white non-adhesive polyester
write-on label.
2.585 65.6
.236
5.99
White
50
250
UIWOL6-L
6-port, white non-adhesive polyester
write-on label.
3.855 97.9
.236
5.99
White
50
250
Part Number
Part Description
Color‡
Std.
Pkg.
Qty.*
Std.
Ctn.
Qty.
UICIDIW-C
Plastic snap-in icon with data image.
Off White
100 1000
UICIPIW-C
Plastic snap-in icon with phone image.
Off White
100 1000
Part Number
Part Description
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UILC1CL-X
1-port label or screw cover.
Clear
10
100
UILC2CL-X
2-port label cover.
Clear
10
100
UILC3CL-X
3-port label cover.
Clear
10
100
UILC4CL-X
4-port label cover.
Clear
10
100
UILC6CL-X
6-port label cover.
Clear
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com