Electronic Components Datasheet Search
  English  ▼

X  

LS8EQ Datasheet(PDF) 27 Page - PANDUIT CORP.

Part # LS8EQ
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8EQ Datasheet(HTML) 27 Page - PANDUIT CORP.

Back Button LS8EQ Datasheet HTML 20Page - PANDUIT CORP. LS8EQ Datasheet HTML 21Page - PANDUIT CORP. LS8EQ Datasheet HTML 22Page - PANDUIT CORP. LS8EQ Datasheet HTML 23Page - PANDUIT CORP. LS8EQ Datasheet HTML 24Page - PANDUIT CORP. LS8EQ Datasheet HTML 25Page - PANDUIT CORP. LS8EQ Datasheet HTML 26Page - PANDUIT CORP. LS8EQ Datasheet HTML 27Page - PANDUIT CORP. LS8EQ Datasheet HTML 28Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Panduit Identification Products can assist you with all the labeling procedures required by this standard. The
size, color, and contrast of all labels should be selected to ensure that the identifiers are easily read. Labels
should be visible during the installation of and normal maintenance of the infrastructure. Labels should be
resistant to the environmental conditions at the point of installation (such as moisture or heat), and should
have a design life equal to or greater than that of the labeled component. To maximize legibility, all labels shall
be printed or generated by a mechanical device. Panduit provides everything you need to comply with the
TIA/EIA-606-A standard for all of your structured cabling labeling requirements!
Horizontal Link Identifier Labeling Format
A horizontal link identifier shall have a format of
fs-an where:
f = numeric character(s) identifying the floor of the building occupied
by the Telecommunications Space (TS)
s = alpha character(s) uniquely identifying the TS on floor f, or the
building area in which the space is located
a = one to two alpha characters uniquely identifying a single patch
panel, a group of patch panels with sequentially numbered ports,
an IDC connector or a group of IDC connectors, serving as part
of the horizontal cross-connect
n = two to four numeric characters designating the port on a
panel in the TS, or the section of an IDC connector on which a
four pair horizontal cable is terminated in the TS
EXAMPLE – “1A-A004” = Origination Point 1st Floor, Closet A, Panel A, Position 004
Floor (1)
Telecommunications
Space (A)
Patch Panel ID (A)
Port ID (004)
R = required identifier for class, when corresponding element is present
O = optional identifier for class
Identifier
fs
fs-an
fs-TMGB
fs-TGB
fs1/fs2-n
fs1/fs2-n.d
f-FSLn(h)
[b1-fs1]/[b2-fs2]-n
[b1-fs1]/[b2-fs2]-n.d
b
c
fs-UUU.n.d(q)
fs1/fs2-UUU.n.d(q)
c-UUU.n.d(q)
[b1-fs1]/[b2-fs2]-UUU.n.d(q)
Text
Clauses
5.1.1
5.1.2
5.1.3
5.1.4
6.1.1
6.1.2
6.1.3
7.1.2
7.1.3
7.1.1
8.1.1
annex B
annex B
annex B
annex B
[c1-b1-fs1]/[c2-b2-fs2]-UUU.n.d(q)
annex B
Description of Identifier
telecommunications space
horizontal link
telecommunications main grounding busbar
telecommunications grounding busbar
building backbone cable
building backbone pair of optical fiber
firestop location
campus backbone cable
campus backbone pair of optical fiber
building
campus or site
intra-space pathway
building pathway
outside plant pathway
campus pathway
inter-campus element
Class of Administration
1
2
3
4
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
O
O
O
O
O
O
O
O
O
O
O
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com