| Electronic Components Datasheet Search |
|
TDP43M-CASE Datasheet(PDF) 11 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
TDP43M-CASE Datasheet(HTML) 11 Page - PANDUIT CORP. |
|
11 / 28 page ![]() Order number of sheets required in multiples of Standard Package Quantity For detailed information on Ultimate ID ® Patch Panels and Labeling Solutions, request the Physical Infrastructure Systems catalog, SA-NCCB51. Order number of cassettes required. Desktop Laser/ Ink Jet Labels Section 5.1.2 States A horizontal link identifier, unique within the building, shall be assigned to each horizontal link and to its elements. In the Telecommunications Space (TS), each patch panel port shall be labeled with the “an” portion of the identifier. This requirement may be met by labeling a patch panel with the “a” portion of the identifier, and each port with the “n” portion where: a = one to two alpha characters uniquely identifying a single patch panel, or a group of patch panels with sequentially numbered ports n = two to four numeric characters designating the port on a patch panel in the TS For example: “A12” = patch panel A, position 12 The Mini-Com ® Ultimate ID ® Patch Panel and Labeling System allows you to center the “an” identifier over each port. Horizontal Link Identification – Patch Panels 9 For service and technical support, call 800-777-3300 or visit www.panduit.com PanTher ™ LS8E Hand-Held Thermal Transfer Printer Label Cassette Part Number Part Description Width Height Std. Pkg. Qty. Std. Ctn. Qty. In. mm In. mm UILJ4 White, non-adhesive polyester labels, 66 per sheet, 4-port labels. 2.585 65.66 .236 6.00 5 50 Part Number Part Description Height Length Std. Pkg. Qty. Std. Ctn. Qty. In. mm Ft. m UILS8BW White, non-adhesive polyester label cassette. .236 6.0 25.0 7.6 1 10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |