Electronic Components Datasheet Search
  English  ▼

X  

TDP43M-CASE Datasheet(PDF) 18 Page - PANDUIT CORP.

Part # TDP43M-CASE
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TDP43M-CASE Datasheet(HTML) 18 Page - PANDUIT CORP.

Back Button TDP43M-CASE Datasheet HTML 14Page - PANDUIT CORP. TDP43M-CASE Datasheet HTML 15Page - PANDUIT CORP. TDP43M-CASE Datasheet HTML 16Page - PANDUIT CORP. TDP43M-CASE Datasheet HTML 17Page - PANDUIT CORP. TDP43M-CASE Datasheet HTML 18Page - PANDUIT CORP. TDP43M-CASE Datasheet HTML 19Page - PANDUIT CORP. TDP43M-CASE Datasheet HTML 20Page - PANDUIT CORP. TDP43M-CASE Datasheet HTML 21Page - PANDUIT CORP. TDP43M-CASE Datasheet HTML 22Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
16
Section 5.1.3 States
The Telecommunications Main Grounding Busbar (TMGB) identifier is used to identify the
single TMGB present in a building. The TMGB shall be labeled with the TMGB identifier.
The format for the TMGB identifier shall be “fs-TMGB”, where:
fs
= TS (Telecommunications Space) identifier for the space containing the TMGB
TMGB = portion of an identifier designating a Telecommunications Main Grounding Busbar
For example:
“1A-TMGB” = first floor, TS A,
Telecommunications Main Grounding Busbar
Section 5.1.4 States
A Telecommunications Grounding Busbar (TGB) identifier is used to identify TGBs in the
grounding and
bonding system. Each TGB shall be labeled with the TGB identifier. A unique TGB identifier shall be assigned to
each TGB and the format for the TGB identifier shall be “fs-TGB”, where:
fs
= TS identifier for the space containing the TGB
TGB
= portion of an identifier designating a Telecommunications Grounding Busbar
All of the TGB identifiers in a single infrastructure should have the same format where possible.
For example:
“1A-TGB” = first floor, TS A,
Telecommunications Grounding Busbar
Panduit labels for laser/ink jet and thermal transfer printers can be generated by a mechanical
device and are made of durable polymer construction that will withstand the effects of
moisture, heat, and time.
Telecommunications (Main) Grounding Busbar Identification
Desktop Laser/Ink Jet Labels
Order number of labels required in multiples of Standard Package Quantity.
Order number of cassettes required.
TDP43MY Desktop Thermal Transfer Labels
PanTher ™ LS8E Hand-Held Thermal Transfer Printer Label Cassette
Order number of labels required in multiples of Standard Package Quantity.
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C200X100FJJ
White, polyolefin label.
2.00
50.80
1.00
25.40
1000 5000
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In
mm
In
mm
C200X100YPT
White, polyester label.
2.00
50.8
1.00
25.4
2500 10000
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C200X100YPC
White, high tack polyester label, 200/cassette.
2.00
50.8
1.00
25.4
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com