Electronic Components Datasheet Search
  English  ▼

X  

2-SOURCE Datasheet(PDF) 3 Page - TEKTRONIX, INC.

Part # 2-SOURCE
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-SOURCE Datasheet(HTML) 3 Page - TEKTRONIX, INC.

  2-SOURCE Datasheet HTML 1Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 2Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 3Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 4Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 5Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 6Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 7Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 8Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Tektronix Next Generation Oscilloscopes
2 Series MSO
3 Series MDO
4 Series MSO
5 Series B MSO
6 Series B MSO
Compact, portable, battery-
operated instrument
Extreme versatility for any
bench
Up to 6 channels of high-
visibility bench test
Advanced analysis and up to 8
inputs
Unmatched detail on high-
speed signals
Compact, versatile oscilloscope for daily debug
The 2 Series MSO features up to 4 analog channels, 500 MHz
bandwidth, 2.5 GS/s sample rate, 16 channel MSO, 50 MHz AFG, 4-bit
digital pattern generator, advanced triggers, protocol decode, DVM, and
frequency counter is packed with features, all in a compact form factor
about 1.5” thick making it the go-to oscilloscope for electronic debug
and test, no matter where you work.
With a capacitive touchscreen and a highly intuitive user interface truly
designed for touch, the 2 Series MSO joins the Tektronix family of
award-winning next generation oscilloscopes. The shared user interface
and the programmatic interface makes it easy to use any Tektronix next
generation oscilloscope
The optional battery pack extends the instrument capabilities by
enabling the same instrument that is used in the lab to also be used in
the field.
A large catalog of compatible probes and well-rounded set of
accessories makes the 2 Series MSO the most capable and versatile
instrument in its class and suitable for a variety of applications.
Intuitive touchscreen with simplified front panel
The 2 Series MSO offers the same, award-winning user interface as on
the higher end Tektronix oscilloscopes and supports touch-interactions
that you have come to expect in a touch-enabled consumer device.
2 Series MSO Datasheet
www.tek.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com