Electronic Components Datasheet Search
  English  ▼

X  

2-SOURCE Datasheet(PDF) 14 Page - TEKTRONIX, INC.

Part # 2-SOURCE
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-SOURCE Datasheet(HTML) 14 Page - TEKTRONIX, INC.

Back Button 2-SOURCE Datasheet HTML 10Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 11Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 12Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 13Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 14Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 15Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 16Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 17Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 18Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Specifications
This chapter contains specifications for the instrument. All specifications are typical unless noted as guaranteed. Typical specifications are provided
for your convenience but are not guaranteed. Specifications that are marked with the
symbol are guaranteed and checked in Performance
Verification.
To meet specifications, these conditions must first be met:
• The instrument must have been calibrated in an ambient temperature between 18 °C and 28 °C (64 °F and 82 °F).
• The instrument must be operating within the environmental limits. (See Environmental characteristics).
• The instrument must be powered from a source that meets the specifications. (See Power supply system).
• The instrument must have been operating continuously for at least 20 minutes within the specified operating temperature range.
• You must perform the Signal path compensation procedure after the warmup period. See the Signal path compensation procedure for how to
perform signal path compensation. If the ambient temperature changes more than 5 °C (9 °F), repeat the procedure.
All specifications are typical unless noted otherwise. All specifications apply to all models unless noted otherwise.
Model overview
MSO22
MSO24
Analog channels
2
4
Analog channel bandwidth1
70 MHz, 100 MHz, 200 MHz, 350 MHz, and 500 MHz
Sample rate
1.25 GS/s All channel, 2.5 GS/s half channels Interleaved
Record length
10 M
Digital channels
16
AFG outputs
1 (multiplexed with Aux Out)
Vertical system analog channels
Bandwidth limits
(limited by instrument bw)
20 MHz, 70 MHz, 100 MHz, 200 MHz, 350 MHz, and 500 MHz
Input coupling
AC, DC
Input impedance
BNC
1 MΩ ± 1%, 14 pF ± 3 pF
TPP0200 probe tip
10 MΩ, < 12 pF
P6139B probe tip
10 MΩ, < 8 pF
Input sensitivity range
1 mV/div to 10 V/div
Vertical resolution
8 Bit
1
500 MHz bandwidth guaranteed from 4 mV/div to 10 V/div.
2 Series MSO Datasheet
www.tek.com 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com