Electronic Components Datasheet Search
  English  ▼

X  

MF0 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MF0
Description  Metal Film Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF0 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MF0 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page-4
6. DIMENSIONS
ψ
d
H
L
ψ
D
Unit:mm
STYLE
L
ψ
D
H
ψ
d
MF0204
3.4±0.3
1.9±0.2
28±2.0
0.5±0.05
MF0207
6.3±0.5
2.4±0.2
28±2.0
0.6±0.05
7. ENVIRONMENTAL CHARACTERISTICS
(1) Short Time Over Load Test
At 2.5 times of the rated voltage. ( If the voltage exceeds the maximum load voltage, the maximum load
voltage will be used as the rated voltage ) applied for 5 seconds, the resistor should be free from defects
after the resistor is released from load for about 30 minutes
Short Time Overload Voltage =
Value
Resistance
ng
Power Rati
*
5
.
2
×
The change of the resistance value should be within ± 0.25 % + 0.05Ω
(2) Dielectric Withstanding Voltage
The resistor is placed on the metal V Block. Apply a Table I dielectric withstanding between the
terminals connected together with the block for about 60 seconds.
The resistor shall be able to withstand without breakdown or flashover.
(3) Temperature Coefficient Test
Test of resistors above room temperature 100°C ± 2°C ( Testing Temperature 115°C to 130°C ) at the
constant temperature silicon plate for over 5 minutes. Then measure the resistance value.
The Temperature Coefficient is calculated by the following equation and its value should be within the
range of requested.
6
0
0
0
10
t
t
1
R
R
R
t
Coefficien
e
Temperatur
sistor
Re
×
−
×
−
=
R = Resistance value under the testing temperature
R0 = Resistance value at the room temperature
t
=
The testing temperature
to = Room temperature
(4) Insulation Resistance
Apply test terminal on lead and resistor body.
The test resistance should be high than 10,000M ohm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com