Electronic Components Datasheet Search
  English  ▼

X  

MF0 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MF0
Description  Metal Film Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF0 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MF0 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page-6
8. PACKING METHODS
Bandolier for Axial leads
Unit::mm
STYLE
a
A
B1-B2
S (spacing)
T (max. deviation of spacing)
52.4 ± 1.0
1.0
MF0204
6 ± 0.5
26.0 ± 1.0
1.0
5
0.5 mm per 5 spacing
52.4 ± 1.0
1.0
1 mm per 10 spacing
MF0207
6 ± 0.5
26.0 ± 1.0
1.0
5
9. TAPE ON REEL PACKING
STYLE
ACROSSFLANGE(A)
Qty per reel
MF0204
72
5,000
MF0207
72
5,000
10. TAPE ON BOX PACKING
Standard Lead Length
Short Lead Length
Qty per box
STYLE
W ( A )
H ( B )
L ( C )
W ( A )
H ( B )
L ( C )
MF0204
81
70
260
48
102
255
5,000
MF0207
81
104
260
48
102
255
5,000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com