Electronic Components Datasheet Search
  English  ▼

X  

TDMB Datasheet(PDF) 3 Page - IMO Precision Controls Ltd.

Part # TDMB
Description  DIN Timers TD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMO [IMO Precision Controls Ltd.]
Direct Link  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

TDMB Datasheet(HTML) 3 Page - IMO Precision Controls Ltd.

  TDMB Datasheet HTML 1Page - IMO Precision Controls Ltd. TDMB Datasheet HTML 2Page - IMO Precision Controls Ltd. TDMB Datasheet HTML 3Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DIN Timers TD continued
TD/03/03
Function switches
Connection diagrams
Dimensions
TDMB
Start function B, C, D, E and H by control contact A1-B1
H pulse detection
G flashing pause first
F single shot
E ON-delay controlled by trigger input
D single shot trailing edge
C single shot pulse operated
B Off-delay
A On-delay
H
G
F
C
B
A
TDMA
TDMC
H
G
F
E
D
C
B
A
G
F
B
A
H
G
F
E
D
C
B
A
TDMA; TDRA
TDMB
TDEA, TDAA, TDAB,
TDSF
TDSD
TDIA
Control Function
Function Rp: without link
Function Ri: link A1-B1
Positions of function
switch with one
contact as
instantaneous c.t.
Both contacts delayed
A1
A1
U+
~
–
S
A1
A1
A1
15
15
15
15
17
25
R
R1
R
R
R
R2
A2 16
18
A2 16
18
A2
18
28
18
A1 15 B1
16 18 A2
U+
~
–
U+
~
–
U+
~
–
U+
~
–
S
25
A1
15
A1 17
A1 15 B1
26 28
16 18 A2
16
18 A2
18 28 A2
16 18
A2
A1 15
B1
61 82 62 8
16
A2
A21
5mm
65mm
70mm
22.5mm
TDMA, TDEA, TDRA, TDIA, TDAA, TDAA, TDAB, TDSD, TDSF
5mm
85mm
89mm
22.5mm
TDMB
www.imopc.com
if instantaneous option is selected R1 becomes timed and R2 becomes instantaneous



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com