Electronic Components Datasheet Search
  English  ▼

X  

TDMB Datasheet(PDF) 1 Page - IMO Precision Controls Ltd.

Part # TDMB
Description  DIN Timers TD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMO [IMO Precision Controls Ltd.]
Direct Link  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

TDMB Datasheet(HTML) 1 Page - IMO Precision Controls Ltd.

  TDMB Datasheet HTML 1Page - IMO Precision Controls Ltd. TDMB Datasheet HTML 2Page - IMO Precision Controls Ltd. TDMB Datasheet HTML 3Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIN Timers TD
22.5mm DIN rail mounting Electronic Timers
❚ AC/DC coil operation
❚ Multi-time range
❚ Multi-function, On-delay, Off-delay and Star/Delta
versions
❚ Voltage range selectable
❚ Marking plate cover
Options and ordering codes
Specification
TD/03/03
TD
MA
MA
MC
MB
EA
RA
IA
AA
AB
SD
SF
DIN rail mount
timers
Multi-function
4 function
Multi-function 2 C/O
On-delay
Off-delay
Asymmetrical recycling
True off-delay 3 minutes
True off-delay 10 minutes
Star/Delta
On delay single function
TD
Multi Voltage Options
All timers are Multi-voltage
I/P 24VAC/DC and
100-230VAC selectable
on unit. Except EA+RA
models
EA + RA models only
EA + RA models only
SF model only
SF model only
SF model only
Multi Voltage Options
110VAC + 24VAC/DC
230VAC + 24VAC/DC
24VAC/DC
110VAC
230VAC
TDMA
TDMC
TDMB
TDEA
TDRA
TDIA
TDAA
TDAB
TDSD
TDSF
Operation modes
A,B,C,D
A,B,F,G
A,B,C,D
A
B
Rp,Ri
T
T
S
A
E,F,G,H
E,F,G,H
Time range
0.05sec- -
0.05sec-
0.05sec- -
0.05sec- -
0.05sec- -
0.05sec- -
0.1sec- -
0.1sec- -
0.5sec-3minY
0.1sec- -
10 days
10 days
10 days
10 days
10 days
10 days
3 min
10 min
40-100ms Yv
v
10 min
Accuracy
±0.5% FS
Supply voltage
24VDC ±10%, 24VAC-15% +10%, 110-230VAC-15% +10%
Nominal power
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
consumption
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
2VA 230V
2VA 230V
2VA 230V
2VA 230V
2VA 230V
2VA 230V
4VA 230V
4VA 230V
2VA 230V
2VA 230V
8VA
8VA
11VA
8VA
11VA
8VA
15VA
15VA
11VA
11VA
Input signal
Power on
Power on
Power on
Power on
Power on
Power on
Power on
Power on
Power on
Power on
Control contact must be
control
control
control
control
90% of A1-A2
contact
contact
contact
contact
Contact configuration
1 C/O
1 C/O
2 C/O
1 C/O
1 C/O
1 C/O
1 C/O
1 C/O
1 C/O with
1 C/O
programmable
rest position
Control output
8A@250VAC
8A@250VAC
8A@250VAC
5A@250VAC
5A@250VAC
5A@250VAC
5A@250VAC
5A@250VAC
8A@250VAC
5A@250VAC
Life expectancy
Electrical
400,000
400,000
400,000
100,000
100,000
400,000
100,000
100,000
400,000
100,000
Mechanical
30 x 106
30 x 106
30 x 106
10 x 106
10 x 106
30 x 106
30 x 106
30 x 106
30 x 106
10 x 106
Allowable ambient
temperature
-25 ˚C upto +55˚C
IP rating
Enclosures
IP40
Terminals
IP20
Terminals
Box clamp screw terminal upto 4mm2
www.imopc.com
R
G U A RAN


Similar Part No. - TDMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDMB ETC2-TDMB Datasheet
117Kb / 3P
DIN Timers TD 22.5mm DIN rail mounting Electronic Timers
logo
Littelfuse
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
TDMB411 LITTELFUSE-TDMB411 Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
TDMB413D LITTELFUSE-TDMB413D Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
TDMB422 LITTELFUSE-TDMB422 Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
More results

Similar Description - TDMB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886 AVAGO-ACPM-7886 Datasheet
355Kb / 14P
TD-SCDMA Power Amplifier
logo
fujitsu semiconductor
FAR-F6KA-2G0175-D4DR FUJITSU-FAR-F6KA-2G0175-D4DR Datasheet
201Kb / 5P
TD-SCDMA
logo
List of Unclassifed Man...
TDMA ETC2-TDMA Datasheet
117Kb / 3P
DIN Timers TD 22.5mm DIN rail mounting Electronic Timers
AT8-DA4 ETC2-AT8-DA4 Datasheet
221Kb / 2P
DIN SIZE TIMERS COMMON OPTIONS
logo
E-SWITCH
TD1104 E-SWITCH-TD1104 Datasheet
274Kb / 2P
SERIES TD SWITCHES
logo
RF Micro Devices
RF9812 RFMD-RF9812 Datasheet
181Kb / 2P
TD-SCDMA Compliant
logo
Keysight Technologies
M9079A KEYSIGHT-M9079A Datasheet
3Mb / 9P
M9079A TD-SCDMA
logo
Murata Manufacturing Co...
SAFEA2G01MA0F0A MURATA1-SAFEA2G01MA0F0A Datasheet
276Kb / 8P
SAW FILTER FOR TD-SCDMA/TD-LTE B34 (Post-PA)
Feb. 11, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com