Electronic Components Datasheet Search
  English  ▼

X  

LT8304 Datasheet(PDF) 32 Page - Analog Devices

Part # LT8304
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8304 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8304 Datasheet HTML 28Page - Analog Devices LT8304 Datasheet HTML 29Page - Analog Devices LT8304 Datasheet HTML 30Page - Analog Devices LT8304 Datasheet HTML 31Page - Analog Devices LT8304 Datasheet HTML 32Page - Analog Devices LT8304 Datasheet HTML 33Page - Analog Devices LT8304 Datasheet HTML 34Page - Analog Devices LT8304 Datasheet HTML 35Page - Analog Devices LT8304 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LT3757/LT3757A
32
Rev. G
For more information www.analog.com
2ms/DIV
VOUT
100V/DIV
3757 TA07b
5µs/DIV
VOUT
5V/DIV
(AC)
VSW
20V/DIV
3757 TA07c
TYPICAL APPLICATIONS
High Voltage Flyback Power Supply
Start-Up Waveforms
Switching Waveforms
SENSE
LT3757
VIN
VSW
VIN
5V TO 12V
CIN
47µF
16V
×4
INTVCC
COUT
68nF
×2
VOUT
350V
10mA
0.02
22
M1
140k
100kHz
GATE
FBX
GND
SHDN/UVLO
DANGER! HIGH VOLTAGE OPERATION BY HIGH VOLTAGE TRAINED PERSONNEL ONLY
SYNC
RT
SS
VC
•
105k
46.4k
0.1µF
220pF
100pF
6.8k
22nF
T1
1:10
D1
CIN: MURATA GRM32ER61C476K
COUT: TDK C3225X7R2J683K
D1: VISHAY SILICONIX GSD2004S DUAL DIODE CONNECTED IN SERIES
M1: VISHAY SILICONIX Si7850DP
T1: TDK DCT15EFD-U44S003
3757 TA07a
1M
1%
1M
1%
1.50M
1%
16.2k
1%
10nF
CVCC
47µF
25V
X5R
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com