Electronic Components Datasheet Search
  English  ▼

X  

LT8304 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8304
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8304 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8304 Datasheet HTML 9Page - Analog Devices LT8304 Datasheet HTML 10Page - Analog Devices LT8304 Datasheet HTML 11Page - Analog Devices LT8304 Datasheet HTML 12Page - Analog Devices LT8304 Datasheet HTML 13Page - Analog Devices LT8304 Datasheet HTML 14Page - Analog Devices LT8304 Datasheet HTML 15Page - Analog Devices LT8304 Datasheet HTML 16Page - Analog Devices LT8304 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LT3757/LT3757A
13
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
FBX Frequency Foldback
When VOUT is very low during start-up or a short-circuit
fault on the output, the switching regulator must operate
at low duty cycles to maintain the power switch current
within the current limit range, since the inductor cur-
rent decay rate is very low during switch off time. The
minimum on-time limitation may prevent the switcher
from attaining a sufficiently low duty cycle at the pro-
grammed switching frequency. So, the switch current
will keep increasing through each switch cycle, exceed-
ing the programmed current limit. To prevent the switch
peak currents from exceeding the programmed value, the
LT3757 contains a frequency foldback function to reduce
the switching frequency when the FBX voltage is low (see
the Normalized Switching Frequency vs FBX graph in the
Typical Performance Characteristics section).
The typical frequency foldback waveforms are shown
in the Typical Performance Characteristics section. The
frequency foldback function prevents IL from exceeding
the programmed limits because of the minimum on-time.
During frequency foldback, external clock synchroniza-
tion is disabled to prevent interference with frequency
reducing operation.
Thermal Lockout
If LT3757 die temperature reaches 165°C (typical), the
part will go into thermal lockout. The power switch will
be turned off. A soft-start operation will be triggered. The
part will be enabled again when the die temperature has
dropped by 5°C (nominal).
Loop Compensation
Loop compensation determines the stability and transient
performance. The LT3757/LT3757A use current mode
control to regulate the output which simplifies loop com-
pensation. The LT3757A improves the no-load to heavy
load transient response, when compared to the LT3757.
New internal circuits ensure that the transient from not
switching to switching at high current can be made in a
few cycles.
The optimum values depend on the converter topology, the
component values and the operating conditions (including
the input voltage, load current, etc.). To compensate the
feedback loop of the LT3757/LT3757A, a series resistor-
capacitor network is usually connected from the VC pin
to GND. Figure 1 shows the typical VC compensation net-
work. For most applications, the capacitor should be in
the range of 470pF to 22nF, and the resistor should be
in the range of 5k to 50k. A small capacitor is often con-
nected in parallel with the RC compensation network to
attenuate the VC voltage ripple induced from the output
voltage ripple through the internal error amplifier. The par-
allel capacitor usually ranges in value from 10pF to 100pF.
A practical approach to design the compensation network
is to start with one of the circuits in this data sheet that
is similar to your application, and tune the compensation
network to optimize the performance. Stability should
then be checked across all operating conditions, includ-
ing load current, input voltage and temperature.
SENSE Pin Programming
For control and protection, the LT3757 measures the
power MOSFET current by using a sense resistor (RSENSE)
between GND and the MOSFET source. Figure 4 shows a
typical waveform of the sense voltage (VSENSE) across the
sense resistor. It is important to use Kelvin traces between
the SENSE pin and RSENSE, and to place the IC GND as
close as possible to the GND terminal of the RSENSE for
proper operation.
Figure 4. The Sense Voltage During a Switching Cycle
3757 F04
VSENSE(PEAK)
∆VSENSE = χ • VSENSE(MAX)
VSENSE
t
DTS
VSENSE(MAX)
TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com