Electronic Components Datasheet Search
  English  ▼

X  

FNK75N08 Datasheet(PDF) 2 Page - FNK-Semiconductor

Part # FNK75N08
Description  N-Channel Trench Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FNK [FNK-Semiconductor]
Direct Link  
Logo FNK - FNK-Semiconductor

FNK75N08 Datasheet(HTML) 2 Page - FNK-Semiconductor

  FNK75N08 Datasheet HTML 1Page - FNK-Semiconductor FNK75N08 Datasheet HTML 2Page - FNK-Semiconductor FNK75N08 Datasheet HTML 3Page - FNK-Semiconductor FNK75N08 Datasheet HTML 4Page - FNK-Semiconductor FNK75N08 Datasheet HTML 5Page - FNK-Semiconductor FNK75N08 Datasheet HTML 6Page - FNK-Semiconductor FNK75N08 Datasheet HTML 7Page - FNK-Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Table 2. Thermal Characteristic
Symbol
Parameter
Value
Unit
RJC
Thermal Resistance,Junction-to-Case
1.08
℃
/W
Table 3. Electrical Characteristics (TA=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
On/Off States
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=250μA
80
V
IDSS
Zero Gate Voltage Drain Current(Tc=25℃)
VDS=80V,VGS=0V
1
μA
IGSS
Gate-Body Leakage Current
VGS=±20V,VDS=0V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=250μA
2
4
V
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID=40A
6.3
7.45
mΩ
Dynamic Characteristics
gFS
Forward Transconductance
VDS=25V,ID=40A
110
S
Ciss
Input Capacitance
VDS=25V,VGS=0V,
f=1.0MHz
5050
PF
Coss
Output Capacitance
420
PF
Crss
Reverse Transfer Capacitance
370
PF
Qg
Total Gate Charge
VDS=50V,ID=40A,
VGS=10V
106
nC
Qgs
Gate-Source Charge
19
nC
Qgd
Gate-Drain Charge
47.9
nC
Switching Times
td(on)
Turn-on Delay Time
VDD=30V,ID=2A,RL=15Ω
VGS=10V,RG=2.5Ω
15
nS
tr
Turn-on Rise Time
18
nS
td(off)
Turn-Off Delay Time
31
nS
tf
Turn-Off Fall Time
38
nS
Source-Drain Diode Characteristics
ISD
Source-drain Current(Body Diode)
92
A
ISDM
Pulsed Source-Drain Current(Body Diode)
368
A
VSD
Forward On Voltage(Note 1)
TJ=25℃,ISD=40A,VGS=0V
0.8
0.95
V
trr
Reverse Recovery Time(Note 1)
TJ=25℃,IF=75A
di/dt=100A/μs
56
nS
Qrr
Reverse Recovery Charge(Note 1)
113
nC
Notes 1.Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 1.5%, RG=25Ω, Starting TJ=25℃
FNK75N08
3
FNK-Semiconductor
Oct.2016.Rev.1.0
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com