Electronic Components Datasheet Search
  English  ▼

X  

FNK75N08 Datasheet(PDF) 1 Page - FNK-Semiconductor

Part # FNK75N08
Description  N-Channel Trench Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FNK [FNK-Semiconductor]
Direct Link  
Logo FNK - FNK-Semiconductor

FNK75N08 Datasheet(HTML) 1 Page - FNK-Semiconductor

  FNK75N08 Datasheet HTML 1Page - FNK-Semiconductor FNK75N08 Datasheet HTML 2Page - FNK-Semiconductor FNK75N08 Datasheet HTML 3Page - FNK-Semiconductor FNK75N08 Datasheet HTML 4Page - FNK-Semiconductor FNK75N08 Datasheet HTML 5Page - FNK-Semiconductor FNK75N08 Datasheet HTML 6Page - FNK-Semiconductor FNK75N08 Datasheet HTML 7Page - FNK-Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel Trench Power MOSFET
General Description
The
is N-channel MOS Field Effect Transistor
designed for high current switching applications. Rugged
EAS capability and ultra low RDS(ON) is suitable for PWM,
load switching especially for E-Bike controller applications.
Features
●
VDS=80V; ID=92A
RDS(ON)<7.45mΩ @ VGS=10V
●
Special Designed for E-Bike Controller Application
●
Ultra Low On-Resistance
●
High UIS and UIS 100% Test
Application
●
64V E-Bike Controller Applications
●
Hard Switched and High Frequency Circuits
●
Uninterruptible Power Supply
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
TO-220
-
-
-
Table 1. Absolute Maximum Ratings (TA=25℃)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage (
VGS=0V)
80
V
VGS
Gate-Source Voltage (
VDS=0V)
±
25
V
ID (DC)
Drain Current (DC) at Tc=25℃
92
A
ID (DC)
Drain Current (DC) at Tc=100℃
64.4
A
IDM (pluse)
Drain Current-Continuous@ Current-Pulsed (Note 1)
368
A
dv/dt
Peak Diode Recovery Voltage
30
V/ns
PD
Maximum Power Dissipation(Tc=25℃)
139
W
Derating Factor
0.93
W/℃
EAS
Single Pulse Avalanche Energy (Note 2)
210
mJ
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 To 175
℃
Notes 1.Repetitive Rating: Pulse width limited by maximum junction temperature
2.EAS condition:TJ=25℃,VDD=40V,VG=10V,RG=25Ω
Schematic Diagram
To-220 Top View
FNK75N08
FNK75N08
FNK75N08
FNK75N08
FNK-Semiconductor
Oct.2016.Rev.1.0
1/7


Similar Part No. - FNK75N08

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNK-ER12H BEL-FNK-ER12H Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-ER12M BEL-FNK-ER12M Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-ER12X BEL-FNK-ER12X Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-LT12H BEL-FNK-LT12H Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
FNK-LT12M BEL-FNK-LT12M Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
More results

Similar Description - FNK75N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT86244 FAIRCHILD-FDT86244 Datasheet
239Kb / 6P
N-Channel Power Trench MOSFET
logo
Guangdong Kexin Industr...
NDT70N06 KEXIN-NDT70N06 Datasheet
586Kb / 5P
N-Channel Trench Power MOSFET
NDT90N04 KEXIN-NDT90N04 Datasheet
255Kb / 2P
N-Channel Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM1607D HMSEMI-HM1607D Datasheet
874Kb / 6P
N-Channel Trench Power MOSFET
HM70N90D HMSEMI-HM70N90D Datasheet
681Kb / 6P
N-Channel Trench Power MOSFET
logo
Leshan Radio Company
LN7610DT1WG LRC-LN7610DT1WG Datasheet
822Kb / 6P
N-Channel Power Trench MOSFET
LNB86085DT0AG LRC-LNB86085DT0AG Datasheet
395Kb / 5P
N-Channel Power Trench MOSFET
S-LN7610DT1WG LRC-S-LN7610DT1WG Datasheet
826Kb / 6P
N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM4030D HMSEMI-HM4030D Datasheet
850Kb / 6P
N-Channel Trench Power MOSFET
HM4030 HMSEMI-HM4030 Datasheet
410Kb / 6P
N-Channel Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com