Electronic Components Datasheet Search
  English  ▼

X  

047RMS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 047RMS
Description  Aluminum Capacitors Radial Miniature Semi-Professional
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

047RMS Datasheet(HTML) 5 Page - Vishay Siliconix

  047RMS Datasheet HTML 1Page - Vishay Siliconix 047RMS Datasheet HTML 2Page - Vishay Siliconix 047RMS Datasheet HTML 3Page - Vishay Siliconix 047RMS Datasheet HTML 4Page - Vishay Siliconix 047RMS Datasheet HTML 5Page - Vishay Siliconix 047RMS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
047 RMS
www.vishay.com
Vishay BCcomponents
Not Available for New Designs, Use 148 RUS
Revision: 16-Oct-13
5
Document Number: 28314
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 105 °C; UR applied;
1000 h
C/C: ± 15 %
tan
  1.3 x spec. limit
Z
2 x spec. limit
IL5  spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
1500 h
C/C: ± 45 %
tan
  3 x spec. limit
Z
 3 x spec. limit
IL5  spec. limit
no short or open circuit
total failure percentage:
 1 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300,
subclause 4.17
Tamb = 105 °C; no voltage applied;
500 h
After test: UR to be applied for 30 min, 
24 h to 48 h before measurement
C/C: ± 15 %
tan
  1.3 x spec. limit
Z
 2 x spec. limit
IL5  2 x spec. limit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com