Electronic Components Datasheet Search
  English  ▼

X  

047RMS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 047RMS
Description  Aluminum Capacitors Radial Miniature Semi-Professional
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

047RMS Datasheet(HTML) 1 Page - Vishay Siliconix

  047RMS Datasheet HTML 1Page - Vishay Siliconix 047RMS Datasheet HTML 2Page - Vishay Siliconix 047RMS Datasheet HTML 3Page - Vishay Siliconix 047RMS Datasheet HTML 4Page - Vishay Siliconix 047RMS Datasheet HTML 5Page - Vishay Siliconix 047RMS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
047 RMS
www.vishay.com
Vishay BCcomponents
Not Available for New Designs, Use 148 RUS
Revision: 16-Oct-13
1
Document Number: 28314
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Radial Miniature Semi-Professional
Fig. 1
FEATURES
• Useful life: 1500 h at 105 °C
• Miniaturized, high CV-product per unit volume
• Charge and discharge proof
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case with pressure
relief, insulated with a blue sleeve
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• EDB, telecommunication, industrial, automotive and
audio-video
• Smoothing, filtering, buffering in SMPS, timing
• Portable and mobile equipment (small size, low mass)
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance value (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Upper category temperature (105 °C)
• Negative terminal identification
• Series number (047)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
10 x 12 to 18 x 35
Rated capacitance range, CR
100 μF to 10 000 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
16 V to 63 V
Category temperature range
-40 °C to +105 °C
Endurance test at 105 °C
1000 h
Useful life at 105 °C
1500 h
Useful life at 40 °C, 1.3 x IR applied
150 000 h
Shelf life at 0 V, 105 °C
500 h
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56
036 RSP
047 RMS
105 °C
038 RSU
148 RUS
150 RMI
136 RVI
048 RML
miniaturized
longer
life
lower
CV-values
lower
Z
miniaturized
85 °C
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
16
25
35
40
50
63
100
-----
10 x 12
220
-
-
10 x 12
-
10 x 16
10 x 20
330
-
-
10 x 16
10 x 20
-
12.5 x 20
470
10 x 12
10 x 16
10 x 20
-
12.5 x 20
12.5 x 25
1000
10 x 20
12.5 x 20
12.5 x 25
-
16 x 25
16 x 31
2200
12.5 x 25
16 x 25
16 x 31
16 x 35
18 x 35
18 x 35
3300
16 x 25
16 x 31
18 x 35
18 x 35
18 x 35
-
4700
16 x 31
18 x 35
18 x 35
-
-
-
6800
16 x 35
18 x 35
----
10 000
18 x 35
-----


Similar Part No. - 047RMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
047RMS ETC1-047RMS Datasheet
56Kb / 13P
Aluminum electrolytic capacitors Radial Miniature Semi-Professional
More results

Similar Description - 047RMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
047RMS ETC1-047RMS Datasheet
56Kb / 13P
Aluminum electrolytic capacitors Radial Miniature Semi-Professional
logo
Vishay Siliconix
036RSP VISHAY-036RSP Datasheet
215Kb / 5P
ALUMINUM CAPACITORS RADIAL SEMI-PROFESSIONAL
17-Jun-05
036RSP VISHAY-036RSP_08 Datasheet
107Kb / 6P
Aluminum Capacitors Radial Semi-Professional
15-Oct-08
148RUS VISHAY-148RUS Datasheet
131Kb / 8P
Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
04-Jan-08
036RSP VISHAY-036RSP_13 Datasheet
110Kb / 6P
Aluminum Capacitors Radial Semi-Professional
26-Apr-13
148RUS VISHAY-148RUS_13 Datasheet
121Kb / 8P
Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
12-Apr-13
036RSP VISHAY-036RSP_16 Datasheet
116Kb / 6P
Aluminum Electrolytic Capacitors Radial Semi-Professional
15-Jul-16
036RSP VISHAY-036RSP_V01 Datasheet
97Kb / 6P
Aluminum Electrolytic Capacitors Radial Semi-Professional
15-Jul-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com