Electronic Components Datasheet Search
  English  ▼

X  

IP6502 Datasheet(PDF) 3 Page - Injoinic Technology Co.,Ltd.

Part # IP6502
Description  24W Max Synchronous Rectified Buck Converter for DCP/QC2.0/QC3.0/FCP/ SCP/ AFC/SFCP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6502 Datasheet(HTML) 3 Page - Injoinic Technology Co.,Ltd.

  IP6502 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IP6505
V1.4.1
http://www.injoinic.com/
3 / 11
Copyright © 2017, Injoinic Corp.
5 IP Series Car Charger Products List
IC 型号
放电
电流
双
路
支持的协议
封装
DCP
QC2.0
QC3.0
FCP
SCP
AFC
MTK
PE
SFCP
PD2.0
PD3.0
(PPS)
规格
兼
容
IP6502
2.4A
-
√
-
-
-
-
-
-
-
-
-
SOP8
IP6503
3.1A
-
√
-
-
-
-
-
-
-
-
-
ESOP8
IP6503_2A4
2.4A
-
√
-
-
-
-
-
-
-
-
-
ESOP8
IP6503S
3.1A
-
√
-
-
-
-
-
-
-
-
-
ESOP8
IP6503S_2A4
2.4A
-
√
-
-
-
-
-
-
-
-
-
ESOP8
IP6523S
3.4A
-
√
-
-
-
-
-
-
-
-
-
ESOP8
IP6505
24W
-
√
√
√
√
√
√
√
√
-
-
ESOP8
IP6505T
24W
-
√
√
√
√
√
√
√
√
-
-
ESOP8
IP6525T
18W
-
√
√
√
√
-
√
-
-
-
-
ESOP8
IP6510
18W
-
√
√
√
√
-
√
-
-
√
-
ESOP8
IP6518C
36W
-
√
√
√
√
√
√
√
√
√
-
QFN24
IP6518
45W
-
√
√
√
√
√
√
√
√
√
-
QFN24
IP6515
4.8A
√
√
-
-
-
-
-
-
-
-
-
QFN32
IP6528_CC
27W
√
√
√
√
√
-
√
√
-
√
√
QFN32
IP6528_AC_H
27W
√
√
√
√
√
-
√
√
-
√
√
QFN32
IP6528_AA_H
24W
√
√
√
√
√
-
√
√
-
-
-
QFN32
IP6527_A
24W
-
√
√
√
√
√
√
√
-
-
-
QFN32
IP6527_C
27W
-
√
√
√
√
-
√
√
-
√
-
QFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com