Electronic Components Datasheet Search
  English  ▼

X  

IP6502 Datasheet(PDF) 7 Page - Injoinic Technology Co.,Ltd.

Part # IP6502
Description  24W Max Synchronous Rectified Buck Converter for DCP/QC2.0/QC3.0/FCP/ SCP/ AFC/SFCP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6502 Datasheet(HTML) 7 Page - Injoinic Technology Co.,Ltd.

Back Button IP6502 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IP6505
V1.4.1
http://www.injoinic.com/
7 / 11
Copyright © 2017, Injoinic Corp.
Output voltage line compensate
IP6505 support output line compensate, output voltage will increase 50mV as output current increase 1A.
Output CV/CC characteristic
IP6505 support output CV/CC, when the output current is lower than the preset value, output is CV mode
with constant output voltage; while the output current is higher than the preset value, output is CC mode.
Protection
IP6505 detect the VIN voltage and enters standby mode when VIN is lower than 4V, the output will be shut
down during standby mode.
IP6505 support input overvoltage protection; when VIN is above 34V, an overvoltage will be determined
output will be shut down; IP6505 will reckon a normal working state and turn on the output only when VIN falls
under 32V.
IP6505 support output under voltage protection; IP6505 will enter under voltage state when the VOUT is
under 2.7V and shut down the output, after 2sec turn on the output with hiccup.
IP6505 support output short circuit protection, 4ms after start up, if VOUT is lower than 2.7V, output short
circuit is determined and output will be shut down.
IP6505 support over temperature, when the chip temperature is higher than 140℃, the output will be shut
down; IP6505 will reckon a normal working state and turn on the output only when the temperature falls under
100℃.
Output fast charge standard
IP65050 support several Fast charge output
 Support BC1.2, Apple, Samsung
 Support Qualcomm QC2.0, QC3.0
 Support MTK PE+1.1 and MTK PE+2.0
 Support Huawei Fast charge: FCP&SCP
 Support Samsung fast charge : AFC
 Support Spreadtrum fast charge : SFCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com