Electronic Components Datasheet Search
  English  ▼

X  

MSM9011 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # MSM9011
Description  20 VOICE SMART
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9011 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  MSM9011 Datasheet HTML 1Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 2Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 3Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 6Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 7Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 8Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOSEL VITELIC
PID219D 02/96
5/12
0
2 cm
1
S4
S1
A4
A2
M4
M2
P4
P2
B4
B2
S3
S2
A3
A1
M3
M1
P3
P1
B3
B1
C7
C6
RESET
C5
C4
C3
C2
C1
C8
COM2
COM3
10P
R1
Q1
E
R1
R2
R2
VR
C7
C6
X1
COM2
COM1
BAK
VSS3
VSS1
VSS2
C5
MSu001/u001T
COB Information I
Silk screen & copper print
COB model number : MOSEL 001
Chip bonded : either u001 or u7001
Legend
Copper pad for X'tal
Copper pad for LCD
Copper pad for LCD
Copper pad
Through hole
Through hole
Alignment hole for Jig
DC Characteristics at 3.0 Vdd (u7001)
I sb
I op
I ohv
I oLv
I co
d F/F
d F/F
R is
R im
R osc
Vdd
Vdd
Vouts
Vouts
Cout
S port
M port
Rosc
Rosc
stand by I
operation I
output high I
output low I
cuurent output
frequency stability
frequency variation
input R
input R
oscillation R
-
-
-
-
-
-5
-10
-
-
-
-
300
0.5
7
6
2.5
-
-
-
-
1.2
850
-
-
-
-
-
5
10
-
-
-
-
uA
mA
mA
mA
mA
%
%
kohm
kohm
Mohm
kohm
Symbol
Name
Valid
Min.
Typ.
Max.
Unit
Remarks
[Fosc(3.0V)-Fosc(2.7V)]/Fosc(3.0V)
6 KHz SR, 1.2 Mohm Rosc
S.R.=6000 Hz
S.R.=8000 Hz
Please refer next page for DC characteristics at 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com