Electronic Components Datasheet Search
  English  ▼

X  

MSM9011 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # MSM9011
Description  20 VOICE SMART
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9011 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button MSM9011 Datasheet HTML 2Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 3Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 6Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 7Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 8Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 9Page - Mosel Vitelic, Corp MSM9011 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MOSEL VITELIC
PID219D 02/96
6/12
0
2 cm
1
S4
S1
A4
A2
M4
M2
P4
P2
B4
B2
S3
S2
A3
A1
M3
M1
P3
P1
B3
B1
RESET
C4
C3
C2
C1
C8
E
R1
R2
VR
C7
C6
X1
BAK
C5
CAP
CAP
VSS3
VSS1
VSS2
S4
S3
VDD
VDD
VDD
RESET
VDD
RESET
RESET
ALARM
RESET
C
B
VSS
Cout
Rosc
VDD
VSS
Cout
Cout
Cout
VSS
VSS
INT
Vout2
Vout1
A1
A2
A3
A4
LIGHT
VPP
VREG
CUP1
CUP2
Xout
Xin
CAP
C
O
M
2
C
O
M
3
S
2
5
S
2
4
S
2
3
S
2
2
S
2
1
S
2
0
S
1
9
S
1
8
S
1
7
S
1
6
S
1
5
S
1
4
S
1
3
S
1
2
S
1
1
S
1
0
S
9
S
8
S
7
S
6
S
5
S
4
S
3
S
2
S
1
C
O
M
1
COM1
C
O
M
2
COM2
5
10
15
20
25
25
20
15
10
1
1
5
MSu001/u001T
COB Information II
Signal Name & Location Description
COB model number : MOSEL 001
Chip bonded : either u001 or u7001
Please refer previous page for legends
DC Characteristics at 4.5 Vdd (u7001)
I sb
I op
I ohv
I oLv
I co
d F/F
d F/F
R is
R im
R osc
stand by I
operation I
output high I
output low I
current output
frequency stability
frequency variation
input R
input R
oscillation R
Vdd
Vdd
Vouts
Vouts
Cout
S port
M port
Rosc
Rosc
-
-
-
-
-
-5
-10
-
-
-
-
900
1.0
16
12
4
-
-
140
150
1.2
880
-
-
-
-
-
5
10
-
-
-
-
uA
mA
mA
mA
mA
%
%
kohm
kohm
Mohm
kohm
Symbol
Name
Valid
Min.
Typ.
Max.
Unit
Remarks
[Fosc(4.5V)-Fosc(V-0.5)]/Fosc(4.5V)
6 KHz S.R., 1.2 Mohm Rosc
Vss2=0V, Vi=Vss2+0.4, halt mode
Vss2=0V, Vi=Vss2+0.4, open mode
S.R.=6000 Hz
S.R.=8000 Hz
Please refer to previous page for Characteristics at 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com