Electronic Components Datasheet Search
  English  ▼

X  

AWR2188 Datasheet(PDF) 4 Page - Texas Instruments

Part # AWR2188
Description  AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AWR2188 Datasheet(HTML) 4 Page - Texas Instruments

  AWR2188 Datasheet HTML 1Page - Texas Instruments AWR2188 Datasheet HTML 2Page - Texas Instruments AWR2188 Datasheet HTML 3Page - Texas Instruments AWR2188 Datasheet HTML 4Page - Texas Instruments AWR2188 Datasheet HTML 5Page - Texas Instruments AWR2188 Datasheet HTML 6Page - Texas Instruments AWR2188 Datasheet HTML 7Page - Texas Instruments AWR2188 Datasheet HTML 8Page - Texas Instruments AWR2188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 Functional Block Diagram
LNA1
LNA2
LNA8
.
.
.
IFA
IFA
IFA
.
.
.
.
.
.
ADC
ADC
ADC
PA1
PA2
PA8
.
.
.
x4
Synth
20G
Ramp
Generator
Radar
Processor
Cortex R4F
ROM + RAM
ADC Bu er
Chirp Parameters
Chirp Quality Data
Frame Sync
Digital
Front End
APLL
Temp
Sensor
GPADC
VMON
XTAL
OSC
20 GHz
LO SYNC
RF Analog Subsystem
Radar Subsystem
Host Interface
Processor
Cortex M4F
ROM + RAM
SPI
I2C
QSPI
UART
GPIO
SOP PINS
PLL
DIG
ADPLL_L1
x2
Timer
DMA
Host Interface Subsystem
Datapath Subsystem
CSI2
Common Bu er
(CBUFF)
DMA
A.
Multi-chip cascading feature is available in AWR2188
B.
Internal temperature sensor accuracy is ± 3 °C.
AWR2188
SLVSKO8A – DECEMBER 2025 – REVISED MARCH 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AWR2188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com