Electronic Components Datasheet Search
  English  ▼

X  

RX66N Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # RX66N
Description  Renesas MCUs
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX66N Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button RX66N Datasheet HTML 78Page - Renesas Technology Corp RX66N Datasheet HTML 79Page - Renesas Technology Corp RX66N Datasheet HTML 80Page - Renesas Technology Corp RX66N Datasheet HTML 81Page - Renesas Technology Corp RX66N Datasheet HTML 82Page - Renesas Technology Corp RX66N Datasheet HTML 83Page - Renesas Technology Corp RX66N Datasheet HTML 84Page - Renesas Technology Corp RX66N Datasheet HTML 85Page - Renesas Technology Corp RX66N Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 175 page
background image
R01DS0344EJ0120 Rev.1.20
Page 82 of 175
Nov 15, 2023
RX66N Group
2. Electrical Characteristics
Note 1. Supply current values are measured when all output pins are unloaded and all input pull-up resistors are disabled.
Note 2. Peripheral module clocks are supplied.
Note 3. ICC depends on the f (ICLK) as follows.
(when ICLK : PCLKA : PCLKB/PCLKC/PCLKD : BCLK : BCLK pin = 2 : 2 : 1 : 2 : 1 and EXTAL = 12 MHz)
 D version
ICC max. = 0.82 × f + 113 (full operation in high-speed operating mode)
ICC typ. = 0.35 × f + 7 (normal operation in high-speed operating mode)
Table 2.6
DC Characteristics (3)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
D version
G version
Unit
Test Conditions
Typ.
Max.
Typ.
Max.
Supply
current
*1
Full operation*2
ICC*3
—
211
—
270
mA
ICLK = 120 MHz,
PCLKA = 120 MHz,
PCLKB = 60 MHz,
PCLKC = 60 MHz,
PCLKD = 60 MHz,
FCLK = 60 MHz,
BCLK = 120 MHz,
BCLK pin = 60 MHz
Normal
operation
Peripheral module clocks are supplied
*4
49
—
49
—
Peripheral module clocks are stopped
*4, *5
18
—
18
—
Core
Mark
Peripheral module clocks are stopped
*4, *5
23
—
23
—
Sleep mode: Peripheral module clocks are
supplied*4
42
144
42
196
All module clock stop mode (reference value)
14
115
14
167
Increased by BGO
operation*8
Reading from the code flash
memory while the data flash
memory is being programmed
6—
6—
Reading from the code flash
memory while the code flash
memory is being programmed
7—
7—
Increased by Trusted Secure IP operation
—
15
—
15
Low-speed operating mode 1: Peripheral module clocks
are stopped*4
4.2
—
4.2
—
All clocks 1 MHz
Low-speed operating mode 2: Peripheral module clocks
are stopped*4
4.2
—
4.2
—
All clocks 32.768
kHz
Software standby mode
3.95
107
3.95
155
Power is supplied to the standby RAM and USB
resume detecting unit (USB0 only)
15.5
70
15.5
98
µA
Power is not
supplied to the
standby RAM and
USB resume
detecting unit
(USB0 only)
Low power consumption
function of the power-on reset
circuit is disabled*6
11.5
42
11.5
58
Low power consumption
function of the power-on reset
circuit is enabled*7
4.9324.9
47
Increase current
by operating RTC
When a low CL crystal is in
use
1—
1—
When a standard CL crystal is
in use
2—
2—
When the RTC is
operating while VCC is
not supplied (Only the
RTC and sub-clock
oscillator operate with
the battery backup
function)
When a low CL crystal is in
use
0.9
—
0.9
—
VBATT = 2.0 V,
VCC = 0 V
1.6
—
1.6
—
VBATT = 3.3 V,
VCC = 0 V
When a standard CL crystal is
in use
1.6
—
1.6
—
VBATT = 1.62 V,
VCC = 0 V
1.7
—
1.7
—
VBATT = 2.0 V,
VCC = 0 V
3.3
—
3.3
—
VBATT = 3.3 V,
VCC = 0 V
Inrush current on
returning from deep
software standby mode
Inrush current*9
IRUSH
—
211
—
211
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com