Electronic Components Datasheet Search
  English  ▼

X  

40CPT080-F Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 40CPT080-F
Description  High Performance Schottky Generation 5.0, 2 x 20 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40CPT080-F Datasheet(HTML) 4 Page - Vishay Siliconix

  40CPT080-F Datasheet HTML 1Page - Vishay Siliconix 40CPT080-F Datasheet HTML 2Page - Vishay Siliconix 40CPT080-F Datasheet HTML 3Page - Vishay Siliconix 40CPT080-F Datasheet HTML 4Page - Vishay Siliconix 40CPT080-F Datasheet HTML 5Page - Vishay Siliconix 40CPT080-F Datasheet HTML 6Page - Vishay Siliconix 40CPT080-F Datasheet HTML 7Page - Vishay Siliconix 40CPT080-F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94660
4
Revision: 29-Jul-09
40CPT080-F
Vishay High Power Products High Performance Schottky
Generation 5.0, 2 x 20 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
0
5
10
15
20
25
30
IF(AV) - Average Forward Current (A)
120
150
140
130
160
170
180
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
5
10
15
20
25
30
IF(AV) - Average Forward Current (A)
0
5
10
15
20
DC
180°
120°
90°
60°
30°
RMS limit
tp - Square Wave Pulse Duration (µs)
10
100
1000
10 000
100
1000
10 000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com