Electronic Components Datasheet Search
  English  ▼

X  

40CPT080-F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 40CPT080-F
Description  High Performance Schottky Generation 5.0, 2 x 20 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40CPT080-F Datasheet(HTML) 1 Page - Vishay Siliconix

  40CPT080-F Datasheet HTML 1Page - Vishay Siliconix 40CPT080-F Datasheet HTML 2Page - Vishay Siliconix 40CPT080-F Datasheet HTML 3Page - Vishay Siliconix 40CPT080-F Datasheet HTML 4Page - Vishay Siliconix 40CPT080-F Datasheet HTML 5Page - Vishay Siliconix 40CPT080-F Datasheet HTML 6Page - Vishay Siliconix 40CPT080-F Datasheet HTML 7Page - Vishay Siliconix 40CPT080-F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94660
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 29-Jul-09
1
High Performance Schottky
Generation 5.0, 2 x 20 A
40CPT080-F
Vishay High Power Products
FEATURES
• 175 °C high performance Schottky diode
• Very low forward voltage drop
• Extremely low reverse leakage
• Optimized VF vs. IR trade off for high efficiency
• Increased ruggedness for reverse avalanche capability
• RBSOA available
• Negligible switching losses
• Submicron trench technology
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
APPLICATIONS
• High efficiency SMPS
• Automotive
• High frequency switching
• Output rectification
• Reverse battery protection
• Freewheeling
• DC/DC systems
• Increased power density systems
PRODUCT SUMMARY
IF(AV)
2 x 20 A
VR
80 V
VF at 20 A at 125 °C
0.61 V
Anode
2
13
2
Base
common
cathode
2
Common
cathode
Anode
1
TO-247AC
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
80
V
VF
20 Apk, TJ = 125 °C (typical, per leg)
0.585
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
40CPT080
UNITS
Maximum DC reverse voltage
VR
TJ = 25 °C
80
V
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
50 % duty cycle at TC = 156 °C, rectangular waveform
20
A
per device
40
Maximum peak one cycle
non-repetitive surge current per leg
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
2100
10 ms sine or 6 ms rect. pulse
300
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 6 A, L = 5.6 mH
101
mJ
Repetitive avalanche current per leg
IAR
Limited by frequency of operation and time pulse duration so
that TJ < TJ max. IAS at TJ max. as a function of time pulse
See fig. 8
IAS at
TJ max.
A


Similar Part No. - 40CPT080-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
High Performance Schottky Generation 5.0, 2 x 20 A
29-Jul-09
More results

Similar Description - 40CPT080-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
High Performance Schottky Generation 5.0, 2 x 20 A
08-Sep-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
High Performance Schottky Generation 5.0, 2 x 30 A
07-Oct-08
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
High Performance Schottky Generation 5.0, 2 x 15 A
07-Oct-08
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
High Performance Schottky Generation 5.0, 2 x 15 A
19-Feb-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
High Performance Schottky Generation 5.0, 2 x 10 A
15-Oct-08
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
High Performance Schottky Generation 5.0, 2 x 15 A
01-Oct-09
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
High Performance Schottky Generation 5.0, 2 x 20 A
29-Jul-09
MBR40H100WT-F VISHAY-MBR40H100WT-F Datasheet
140Kb / 8P
High Performance Schottky Generation 5.0, 2 x 20 A
10-Dec-08
43CTT100 VISHAY-43CTT100_12 Datasheet
162Kb / 8P
High Performance Schottky Generation 5.0, 2 x 20 A
08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com