Electronic Components Datasheet Search
  English  ▼

X  

WSL3921 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # WSL3921
Description  Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL3921 Datasheet(HTML) 4 Page - Vishay Siliconix

  WSL3921 Datasheet HTML 1Page - Vishay Siliconix WSL3921 Datasheet HTML 2Page - Vishay Siliconix WSL3921 Datasheet HTML 3Page - Vishay Siliconix WSL3921 Datasheet HTML 4Page - Vishay Siliconix WSL3921 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WSL3921, WSL5931
www.vishay.com
Vishay Dale
Upgrade for TCR to Kelvin Termination With WSL2726
Revision: 29-Aug-2025
4
Document Number: 30110
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
•Contact ww2bresistors@vishay.com for application specific performance requirements. Typical performance is better than stated test limits
Notes
• Embossed carrier tape per EIA-481
(1) Additional packaging details at www.vishay.com/doc?20051
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± 1.0 %
Short time overload
Refer to link for short time overload performance and pulse capability;
www.vishay.com/en/resistors/power-metal-strip-calculator/
± 0.5 %
Low temperature storage
-65 °C for 24 h
± 0.5 %
High temperature exposure
1000 h at +170 °C
± 1.0 %
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± 0.5 %
Mechanical shock
100 g’s for 6 ms, 5 pulses
± 0.5 %
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± 0.5 %
Load life
1000 h at +70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 1.0 %
Resistance to solder heat
3 x at 250 °C ± 5 °C for 30 s ± 5 s
± 0.5 %
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7a and 7b not required
± 0.5 %
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSL3921
16 mm / embossed plastic
330 mm / 13"
3000
EA
WSL5931
24 mm / embossed plastic
330 mm / 13"
1500
EA
LINKS TO RELATED DOCUMENTS
SELECTOR GUIDE
Overview of Automotive Grade Products
www.vishay.com/doc?49924
TECHNICAL NOTES
SMD Current Sense: AEC-Q200 vs. Vishay Qualification
www.vishay.com/doc?30416
MIL-PRF vs. AEC-Q200: Do You Know What You Are Getting?
www.vishay.com/doc?11000
WHITE PAPER
Thermal Management for Surface-Mount Devices
www.vishay.com/doc?30380
Temperature Coefficient of Resistance for Current Sensing
www.vishay.com/doc?30405



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com