Electronic Components Datasheet Search
  English  ▼

X  

WSL3921 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WSL3921
Description  Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL3921 Datasheet(HTML) 3 Page - Vishay Siliconix

  WSL3921 Datasheet HTML 1Page - Vishay Siliconix WSL3921 Datasheet HTML 2Page - Vishay Siliconix WSL3921 Datasheet HTML 3Page - Vishay Siliconix WSL3921 Datasheet HTML 4Page - Vishay Siliconix WSL3921 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WSL3921, WSL5931
www.vishay.com
Vishay Dale
Upgrade for TCR to Kelvin Termination With WSL2726
Revision: 29-Aug-2025
3
Document Number: 30110
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The full power rating of power metal strip resistors are dependent upon the ability of the circuit board to dissipate the heat energy created
in the resistance element. It is recommended to follow common design practices for power semiconductors that ensure the junction
temperature is maintained with in thermal limits by using large pad surfaces, thermal vias, heavier copper weights, internal layers as well as
other thermal spreading features. The thermal resistance values provided function in the same manner as junction to terminal temperature
DERATING - AMBIENT TEMPERATURE
DERATING - TERMINAL TEMPERATURE
PULSE CAPABILITY
www.vishay.com/en/resistors/joulewizard/
GLOBAL
MODEL
RESISTANCE VALUE
(m
Ω)
TYPICAL THERMAL RESISTANCE
(°C/W) (1)
“D” THICKNESS
(INCHES)
ELEMENT
MATERIAL
WSL3921
0.1
0.9
0.0560
Mn-Cu-Sn
WSL3921
0.2
2.7
0.0560
Mn-Cu-Sn
WSL3921
0.3
3.8
0.0510
Mn-Cu
WSL3921
0.4
4.3
0.0350
Mn-Cu
WSL3921
0.5
5.8
0.0300
Mn-Cu
WSL3921
0.7
6.3
0.0205
Mn-Cu
WSL3921
1.0
10.9
0.0150
Mn-Cu
WSL3921
1.5
8.3
0.0360
Fe-Cr-Al
WSL3921
2.0
12.0
0.0270
Fe-Cr-Al
WSL3921
3.0
20.7
0.0170
Fe-Cr-Al
WSL3921
4.0
22.8
0.0130
Fe-Cr-Al
WSL5931
0.1
1.6
0.0560
Mn-Cu-Sn
WSL5931
0.2
2.4
0.0485
Mn-Cu
WSL5931
0.3
3.5
0.0300
Mn-Cu
WSL5931
0.5
5.7
0.0180
Mn-Cu
WSL5931
1.0
7.2
0.0330
Fe-Cr-Al
WSL5931
2.0
13.2
0.0155
Fe-Cr-Al
WSL5931
3.0
19.3
0.0105
Fe-Cr-Al
10
100
1000
10000
0
20
40
60
80
100
120
-65-55 -25
0
25 50
100 125 150 170
Axis Title
Ambient Temperature (°C)
70
10
100
1000
10000
0
20
40
60
80
100
120
0
20406080 100 120 140 160 180
Axis Title
T
K - Terminal Temperature (°C)
Stability < 1.0 %
Stability < 0.5 %
get started
(ILLUSTRATIVE PURPOSES ONLY)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com