Electronic Components Datasheet Search
  English  ▼

X  

AP90H06NF Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP90H06NF
Description  60V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP90H06NF Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP90H06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP90H06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP90H06NF
60V N+N-Channel Enhancement Mode MOSFET
AP90H06NF REV1.0
永源微電子科技有限公司
Package Mechanical Data-PDFN5X6-8L-Double
Symbol
Dim in mm
Min
Typ
Max
A
0.9
1.05
1.2
b
0.3
0.4
0.5
C
0.2
0.25
0.35
D
4.9
5.05
5.2
D1/D2
1.51
1.66
1.81
E
5.9
6.1
6.3
E1
3.3
3.5
3.7
E2
5.6
5.75
5.9
e
1.27BSC
H
0.48
0.58
0.7
K
1.14
1.27
1.4
L
0.54
0.74
0.84
L1/L2
0.1
0.2
0.3
θ
8°
10°
12°
M
0.08REF
N
0
0.15
P
1.28REF
d
0.5
0.6
0.7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com