Electronic Components Datasheet Search
  English  ▼

X  

MSM9009 Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # MSM9009
Description  20 VOICE SMART
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9009 Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button MSM9009 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 6Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 7Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 8Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 9Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 10Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 11Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MOSEL VITELIC
Product Request Form
10/12
PID219D 02/96
Customer
Agent
Sales
Represen.
Sound
Providing
to
MVI
Code
Providing
to MVI
Serviced
Required
from
MVI
Who is MVI sales you contact ?
8-bit PCM sound files
.WAV sound files
DAT or equivalent
Something special in written memo
Others
.TRA program file, name =
.EVA LCD file, name =
.HEX program file, name =
.HEX LCD file, name =
EPROMs with data inside
files to pro'med into EPROM
9011 & 9012 emulation boards
u7001 chip on board
Confirm table
Others
Buzzer (F fr= 1K Hz)
Speaker (8 ohm, 1" diam)
Other
2.5 V
3.0 V
3.5 V
4.0 V
4.5 V
5.0 V
5.5 V
6.0 V
Battery size "D"
Battery size "AA"
Battery size "AAA"
Battery button cell
Mains
Other
T i t l e
SampleRate
Output
Device
Working
Voltage
Power
Source
General Descriptions
Chip Descriptions
Hz
Company Name :
Signature :
Position Title :
Department, Section :
Signature Date :
Mosel Vitelic Inc.
886-35-772788 (fax)
Sales & Marketing Department
We hereby request MVI to start preparing produce MSSu001 which is specified as
I already read this data sheet and understand MSu001 completely and know how to
below descriptions as well as form A and form B.
specify to fit my requirement.
T O :
Attention :
MSu001/u001T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com