Electronic Components Datasheet Search
  English  ▼

X  

MSM9009 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # MSM9009
Description  20 VOICE SMART
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9009 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  MSM9009 Datasheet HTML 1Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 2Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 3Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 6Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 7Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 8Page - Mosel Vitelic, Corp MSM9009 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MOSEL VITELIC
MSu001/u001T
PID219D 02/96
2/12
Hardware Features
Low current consumption
Maximal function with minimal cost
Current output could drive 8 ohm speaker with a
transistor, Vout could drive buzzer directly.
The voice content is stored up to 20 seconds at 6 KHz
S.R. and can be separated up to 64 sections.
22 seconds at 5.51 KHz sample rate (1DA00h)
LCD driver provided, can drive up to 75 segments
Built-In clock generator
Built-In doubler, halver, tripler
Internal program ROM : 1024 x 15 bits;
Internal program RAM : 64 x 4 bits
Two 4-bit input ports
Two 4-bit input/output ports
One 4-bit output port
Development Supports
Development tools are provided
Software / Hardware programming guide is provided
Engineering sample could be provided
Software Features
78 instructions, in 48 categories
4-level subroutine nesting (also used for interrupt)
Two external factors (INT, S&M) for interrupt
Two internal factors (timer, divider) for interrupt
Mask Options
mask option for either open or hold transistor on S
port & M port
mask option for either pull down
or put
up on
Interrupt switch
mask option for either leading edge or trailing edge
on Interrupt edge
mask option for either power back-up activated or
not when power on
mask option for either with reset or not when power
on
mask option for either 8 ms or 2 ms chattering
removal time on S port & M port
mask option for either slow (by 15.625 ms) or fast
(by 224.14 us) set time timer
mask option for either fast system clock ( Fosc)
or slow system clock ( Fosc / 2)
LCD display frequency : (1) 128 Hz /170.7 Hz (2)
64Hz /85.3 Hz (3) 32Hz /42.7Hz
LCD driver : (1) static (2) 1/2 bias 1/2 duty (3) 1/2
bias 1/3 duty
AC Characteristics at 4.5 V & 6 KHz S.R.
Timing
Min.
Max.
T
Write Enable pulse width
W
T
Trigger address hold time
H
T
Write Enable to BUSY delay time
WB
T
Write Enable to Audio delay time
WA
300ns
80ns
1 us
500us
Sample Applications
handy game with LCD
versatile timepiece with LCD
talking timer with LCD
intelligent calculator with LCD
smart stationery with LCD
talking home electronics with LCD
TS
Trigger address setup time
220ns
MSM9058
MSM9012
MSM9011
MSM9009
Developing Card
LCD display emulation board
Program code emulation board
20" (30") Sound emulation board
talking education kit with LCD
Remarks
SRD
SRD
SRD
SRD
SRD
SRD := Sample Rate Dependent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com