Electronic Components Datasheet Search
  English  ▼

X  

TLE2061ACD Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2061ACD
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2061ACD Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLE2061ACD Datasheet HTML 36Page - Texas Instruments TLE2061ACD Datasheet HTML 37Page - Texas Instruments TLE2061ACD Datasheet HTML 38Page - Texas Instruments TLE2061ACD Datasheet HTML 39Page - Texas Instruments TLE2061ACD Datasheet HTML 40Page - Texas Instruments TLE2061ACD Datasheet HTML 41Page - Texas Instruments TLE2061ACD Datasheet HTML 42Page - Texas Instruments TLE2061ACD Datasheet HTML 43Page - Texas Instruments TLE2061ACD Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2064M electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2064M
TLE2064AM
TLE2064BM
UNIT
A
MIN
TYP
MAX
TLE2064M
25
°C
1.2
7
TLE2064M
Full range
9
VIO
Input offset voltage
TLE2064AM
25
°C
1.2
6
mV
VIO
Input offset voltage
TLE2064AM
Full range
8
mV
TLE2064BM
25
°C
0.8
3.5
TLE2064BM
VIC = 0,
RS = 50 Ω
Full range
5.5
αVIO
Temperature coefficient of input offset voltage
VIC = 0,
RS = 50 Ω
25
°C
6
µV/°C
Input offset voltage long-term drift (see Note 4)
Full range
0.04
µV/mo
IIO
Input offset current
25
°C
1
pA
IIO
Input offset current
Full range
15
nA
IIB
Input bias current
25
°C
3
pA
IIB
Input bias current
Full range
30
nA
VICR
Common-mode input voltage range
25
°C
− 1.6
to
4
−2
to
6
V
VICR
Common-mode input voltage range
Full range
− 1.6
to
4
V
RL = 10 kΩ
25
°C
3.5
3.7
RL = 10 kΩ
Full range
3
VOM +
Maximum positive peak output
FK and J
RL = 600 Ω
25
°C
2.5
3.6
V
VOM +
Maximum positive peak output
voltage swing
FK and J
packages
RL = 600 Ω
Full range
2
V
voltage swing
D and N
RL = 100 Ω
25
°C
2.5
3.1
D and N
packages
RL = 100 Ω
Full range
2
RL = 10 kΩ
25
°C
− 3.5
− 3.9
RL = 10 kΩ
Full range
−3
VOM −
Maximum negative peak output
FK and J
RL = 600 Ω
25
°C
− 2.5
−3.5
V
VOM −
Maximum negative peak output
voltage swing
FK and J
packages
RL = 600 Ω
Full range
−2
V
voltage swing
D and N
RL = 100 Ω
25
°C
− 2.5
− 2.7
D and N
packages
RL = 100 Ω
Full range
−2
VO = ± 2.8 V,
RL = 10 kΩ
25
°C
15
80
VO = ± 2.8 V,
RL = 10 kΩ
Full range
2
A VD
Large-signal differential voltage
VO = 0 to 2.5 V,
RL = 600 Ω
25
°C
1
65
V/mV
A VD
Large-signal differential voltage
amplification
FK and J
VO = 0 to 2.5 V,
RL = 600 Ω
Full range
0.5
V/mV
amplification
FK and J
packages
VO = 0 to − 2.5 V, RL = 600 Ω
25
°C
1
16
packages
VO = 0 to − 2.5 V, RL = 600 Ω
Full range
0.5
† Full range is − 55°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com