Electronic Components Datasheet Search
  English  ▼

X  

TLE2061ACD Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2061ACD
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2061ACD Datasheet(HTML) 56 Page - Texas Instruments

Back Button TLE2061ACD Datasheet HTML 52Page - Texas Instruments TLE2061ACD Datasheet HTML 53Page - Texas Instruments TLE2061ACD Datasheet HTML 54Page - Texas Instruments TLE2061ACD Datasheet HTML 55Page - Texas Instruments TLE2061ACD Datasheet HTML 56Page - Texas Instruments TLE2061ACD Datasheet HTML 57Page - Texas Instruments TLE2061ACD Datasheet HTML 58Page - Texas Instruments TLE2061ACD Datasheet HTML 59Page - Texas Instruments TLE2061ACD Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 40
UNITY-GAIN BANDWIDTH
vs
FREE-AIR TEMPERATURE
RL = 10 kΩ
CL = 100 pF
See Figure 3
VCC ± = ±5 V
VCC ± = ±15 V
TA − Free-Air Temperature − °C
125
100
75
50
25
0
−25
−50
−75
1
1.5
2
2.5
Figure 41
PHASE MARGIN
vs
SUPPLY VOLTAGE
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 3
62
°
61
°
60
°
59
°
58
°
57
°
56
°
0
| VCC ± | − Supply Voltage − V
2
4
6
8
10
1214161820
55
°
Figure 42
PHASE MARGIN
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
1000
800
600
400
200
0
10
°
20
°
30
°
40
°
50
°
0
°
60
°
See Figure 3
TA = 25°C
RL = 10 kΩ
VCC ± = ±15 V
Figure 43
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
125
100
75
50
25
0
−25
−50
−75
TA − Free-Air Temperature − °C
54
°
56
°
58
°
60
°
62
°
64
°
66
°
VCC ± = ±5 V
VCC ± = ±15 V
See Figure 3
CL = 100 pF
RL = 10 kΩ
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com