Electronic Components Datasheet Search
  English  ▼

X  

TS1117BCPROG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1117BCPROG
Description  1A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117BCPROG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1117BCPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS1117B Series
Taiwan Semiconductor
2
Version: H1607
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Input Supply Voltage
VIN
15
V
Recommend Operation Input Supply Voltage
VIN (Opr. Typ.)
12
V
Power Dissipation (Note 2)
PD
Internal limited
Operating Temperature Range
TOPER
-40 ~ +125
oC
Junction Temperature Range
TJ
+150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-252
5
s
SOT-223
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
SOT-223
TO-252
Junction to Ambient Thermal Resistance
RӨJA
130
105
°C/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air.
ELECTRICAL SPECIFICATIONS (T
A=25
oC, unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Reference Voltage
VIN = 2.75, IO=1A
VREF
1.225
1.25
1.275
V
Output Voltage
(Note 4)
VIN = 2.7V~12V, IO=1A
VOUT
1.176
1.2
1.224
V
VIN = 3V~12V, IO=1A
1.470
1.5
1.530
VIN = 4V~12V, IO=1A
2.450
2.5
2.550
VIN = 4.8V~12V, IO=1A
3.235
3.3
3.366
VIN = 6.5V~12V, IO=1A
4.900
5.0
5.100
Line Regulation
VO +1.5V ≤ VIN ≤ 12V, IO = 10mA
REGLINE
--
0.2
0.5
%
Load Regulation
(Note 1,2)
VIN = VOUT+1.5V, IO = 10mA~1A
REGLOAD
--
0.05
1.0
%
Dropout Voltage
IO =1A, ∆VOUT = 1% VOUT
VDROP
--
1.3
1.5
V
Quiescent Current
VIN = 5V
IQ
--
5
10
mA
Adjustable Pin Current
IADJ
--
90
--
µA
Output Current Limit
VIN - VOUT = 1.5V
ILIMIT
1.1
--
--
A
Temperature Stability
IO =10mA,
--
0.5
--
%
Ripple Rejection
f= 120Hz, IO= 1A, COUT =25µF,
VIN = VOUT+3V
RR
--
60
70
dB
Note:
1.
See thermal regulation specification for changes in output voltage due to heating effects. Line and load
regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is
measured at the output lead = 1/18” from the package.
2.
Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is
determined by the input / output voltage difference and the output current. Guaranteed maximum power
dissipation will not be available over the full input / output voltage range.
3.
Quiescent current is defined as the minimum output current required to maintain the regulation.
4.
The Output Capacitor does not have a theoretical upper limit and increasing its value will increase stability.
COUT=100uF or more is typical for high current regulator design.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com