Electronic Components Datasheet Search
  English  ▼

X  

TS1117BCPROG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1117BCPROG
Description  1A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117BCPROG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1117BCPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS1117B Series
Taiwan Semiconductor
3
Version: H1607
FUNCTION BLOCK
ORDERING INFORMATION
OUTPUT VOLTAGE
PART NO.
PACKAGE
PACKING
ADJ
TS1117BCP ROG
TO-252 (DPAK)
2,500pcs / 13" Reel
TS1117BCW RPG
SOT-223
2,500pcs / 13" Reel
1.2V
TS1117BCW12 RPG
SOT-223
2,500pcs / 13" Reel
2.5V
TS1117BCW25 RPG
SOT-223
2,500pcs / 13" Reel
3.3V
TS1117BCP33 ROG
TO-252 (DPAK)
2,500pcs / 13" Reel
TS1117BCW33 RPG
SOT-223
2,500pcs / 13" Reel
5V
TS1117BCP50 ROG
TO-252 (DPAK)
2,500pcs / 13" Reel
TS1117BCW50 RPG
SOT-223
2,500pcs / 13" Reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com