Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201DBVT
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73201DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS73201DBVT Datasheet HTML 1Page - Texas Instruments TPS73201DBVT Datasheet HTML 2Page - Texas Instruments TPS73201DBVT Datasheet HTML 3Page - Texas Instruments TPS73201DBVT Datasheet HTML 4Page - Texas Instruments TPS73201DBVT Datasheet HTML 5Page - Texas Instruments TPS73201DBVT Datasheet HTML 6Page - Texas Instruments TPS73201DBVT Datasheet HTML 7Page - Texas Instruments TPS73201DBVT Datasheet HTML 8Page - Texas Instruments TPS73201DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
POWER DISSIPATION RATINGS
(1)
TPS732xx
SBVS037L – AUGUST 2003 – REVISED AUGUST 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TPS732xxyyyz
XX is nominal output voltage (for example, 25 = 2.5V, 01 = Adjustable(3)).
YYY is package designator.
Z is package quantity.
(1)
For the most current specification and package information, refer to the Package Option Addendum located at the end of this datasheet
or see the TI website at www.ti.com.
(2)
Most output voltages of 1.25V and 1.3V to 5.0V in 100mV increments are available through the use of innovative factory EEPROM
programming; minimum order quantities may apply. Contact factory for details and availability.
(3)
For fixed 1.20V operation, tie FB to OUT.
over operating junction temperature range unless otherwise noted
(1)
TPS732xx
UNIT
VIN range
–0.3 to 6.0
V
VEN range
–0.3 to 6.0
V
VOUT range
–0.3 to 5.5
V
VNR, VFB range
–0.3 to 6.0
V
Peak output current
Internally limited
Output short-circuit duration
Indefinite
Continuous total power dissipation
See Dissipation Ratings Table
Junction temperature range, TJ
–55 to +150
°C
Storage temperature range
–65 to +150
°C
ESD rating, HBM
2
kV
ESD rating, CDM
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics
is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
DERATING FACTOR
TA ≤ 25°C
TA = 70°C
TA = 85°C
BOARD
PACKAGE
RΘJC
RΘJA
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
Low-K(2)
DBV
64
°C/W
255
°C/W
3.9mW/
°C
390mW
215mW
155mW
High-K (3)
DBV
64
°C/W
180
°C/W
5.6mW/
°C
560mW
310mW
225mW
Low-K(2)
DCQ
15
°C/W
53
°C/W
18.9mW/
°C
1.89W
1.04W
0.76W
High-K(3)
DCQ
15
°C/W
45
°C/W
22.2mW/
°C
2.22W
1.22W
0.89W
High-K(3)(4)
DRB
1.2
°C/W
40C/W
25.0mW/
°C
2.50W
1.38W
1.0W
(1)
See Power Dissipation in the Applications section for more information related to thermal design.
(2)
The JEDEC Low-K (1s) board design used to derive this data was a 3 inch x 3 inch, two-layer board with 2-ounce copper traces on top
of the board.
(3)
The JEDEC High-K (2s2p) board design used to derive this data was a 3 inch x 3 inch, multilayer board with 1-ounce internal power and
ground planes and 2-ounce copper traces on the top and bottom of the board.
(4)
Based on preliminary thermal simulations.
2
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS732xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com