Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201DBVT
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73201DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS73201DBVT Datasheet HTML 15Page - Texas Instruments TPS73201DBVT Datasheet HTML 16Page - Texas Instruments TPS73201DBVT Datasheet HTML 17Page - Texas Instruments TPS73201DBVT Datasheet HTML 18Page - Texas Instruments TPS73201DBVT Datasheet HTML 19Page - Texas Instruments TPS73201DBVT Datasheet HTML 20Page - Texas Instruments TPS73201DBVT Datasheet HTML 21Page - Texas Instruments TPS73201DBVT Datasheet HTML 22Page - Texas Instruments TPS73201DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS73219DBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73225DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73225DBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73225DCQR
SOT-223
DCQ
6
2500
330.0
12.4
6.8
7.3
1.88
8.0
12.0
Q3
TPS73230DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73230DBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73230DCQR
SOT-223
DCQ
6
2500
330.0
12.4
6.8
7.3
1.88
8.0
12.0
Q3
TPS73233DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73233DBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73233DCQR
SOT-223
DCQ
6
2500
330.0
12.4
6.8
7.3
1.88
8.0
12.0
Q3
TPS73250DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73250DBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS73250DCQR
SOT-223
DCQ
6
2500
330.0
12.4
6.8
7.3
1.88
8.0
12.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS73201DBVR
SOT-23
DBV
5
3000
195.0
200.0
45.0
TPS73201DBVT
SOT-23
DBV
5
250
195.0
200.0
45.0
TPS73201DCQR
SOT-223
DCQ
6
2500
358.0
335.0
35.0
TPS73201DRBR
SON
DRB
8
3000
370.0
355.0
55.0
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Apr-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com