Electronic Components Datasheet Search
  English  ▼

X  

CSPB40M-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CSPB40M-HF
Description  SuperPlanarTM Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSPB40M-HF Datasheet(HTML) 4 Page - Comchip Technology

  CSPB40M-HF Datasheet HTML 1Page - Comchip Technology CSPB40M-HF Datasheet HTML 2Page - Comchip Technology CSPB40M-HF Datasheet HTML 3Page - Comchip Technology CSPB40M-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Standard Packaging
Case Type
1,500
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
SPB
TM
SuperPlanar
Bridge Rectifiers
Comchip Technology CO., LTD.
Page 4
Suggested P.C.B. PAD Layout
SIZE
(inch)
0.064
(mm)
1.63
1.87
5.10
0.074
0.201
SPB
11.80
0.465
A
B
C
D
C
B
D
A
Note: 1. The pad layout is for reference purposes only.
Marking Code
Part Number
Marking code
CSPB40M-HF
SPB40M
XXX = Product type marking code
C
= Comchip Logo
+
-
SPBXXX
C
~
~
QW-JBR15
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com