Electronic Components Datasheet Search
  English  ▼

X  

CSPB40M-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CSPB40M-HF
Description  SuperPlanarTM Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSPB40M-HF Datasheet(HTML) 1 Page - Comchip Technology

  CSPB40M-HF Datasheet HTML 1Page - Comchip Technology CSPB40M-HF Datasheet HTML 2Page - Comchip Technology CSPB40M-HF Datasheet HTML 3Page - Comchip Technology CSPB40M-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 1000 V
Forward Current: 4.0 A
RoHS Device
CSPB40M-HF
Comchip Technology CO., LTD.
Page 1
REV:B
Halogen Free
QW-JBR15
TM
SuperPlanar
Bridge Rectifiers
Features
- Glass passivated junction.
- High surge current capability.
- Saves space on printed circuit boards.
- High temperature soldering guaranteed:
260°C/10 seconds.
Mechanical data
- Case: SPB molded plastic.
- Molding compound, UL flammability
classification rating 94V-0.
- Terminals: Leads solderable per MIL-STD-750,
- Mounting position: Any.
Maximum Ratings (at Ta=25 °C unless otherwise specified)
Characteristic
Symbol
CSPB40M-HF
Units
700
1000
4
1000
150
V
V
A
V
A
Peak forward surge current,
8.3ms single half-sine-wave
Peak repetitive reverse voltage
VRRM
VRMS
VDC
IO
IFSM
@TJ=25°C
Thermal Characteristics
RMS reverse voltage
Maximum average forward output current
DC blocking voltage
Typical thermal resistance per leg (Note 1)
Characteristic
Symbol
Units
TJ
TSTG
RθJA
RθJC
RθJL
°C/W
°C
°C
-55 ~ +150
-55 ~ +150
37
10.4
7.5
Note: 1. Device mounted on PCB with 10mm x 20mm x 0.1mm copper pad areas.
Operating junction temperature range
Storage temperature range
CSPB40M-HF
Circuit Diagram
~
~
Dimensions in inches and (millimeter)
SPB
0.059(1.50)
0.031(0.80)
0.205(5.20)
0.201(5.10)
0.354(9.00)
0.339(8.60)
-
+
~
~
0.409(10.40)
0.394(10.00)
0.449(11.40)
0.417(10.60)
0.063(1.60)
0.055(1.40)
0.067(1.70)
0.059(1.50)
0.020(0.50)
0.012(0.30)


Similar Part No. - CSPB40M-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSPB40K-HF COMCHIP-CSPB40K-HF Datasheet
473Kb / 4P
SuperPlanarTM Bridge Rectifiers
REV:B
More results

Similar Description - CSPB40M-HF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com