Electronic Components Datasheet Search
  English  ▼

X  

AP110N25MP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP110N25MP
Description  250V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP110N25MP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP110N25MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP110N25MP
250V N-Channel Enhancement Mode MOSFET
AP110N25MP REV1.0
永源微電子科技有限公司
Description
The AP110N25MP uses advanced APM-SGTⅠtechnology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 250V ID =110A
RDS(ON) < 20mΩ @ VGS=10V (Type:18mΩ)
Application
DC/DC Converter
Power Management Switches
BMS/UPS
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP110N25MP
TO-247-3L
AP110N25MP XXX YYYY
360
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
250
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V
110
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V
65
A
IDM
Pulsed Drain Current
330
A
EAS
Single Pulse Avalanche Energy
2000
mJ
IAS
Avalanche Current
45
A
PD@TC=25
℃
Total Power Dissipation4
278
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient
0.5
℃/W
RθJC
Thermal Resistance Junction-Case
40
℃
/W


Similar Part No. - AP110N25MP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP110N03D APME-AP110N03D Datasheet
1Mb / 9P
30V N-Channel Enhancement Mode MOSFET
AP110N03NF APME-AP110N03NF Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.1
AP110N04D APME-AP110N04D Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
AP110N04NF APME-AP110N04NF Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
AP110N10D APME-AP110N10D Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP110N25MP

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4525E6 ZETEX-ZVN4525E6 Datasheet
426Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G ZETEX-ZVN4525G Datasheet
408Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525Z ZETEX-ZVN4525Z Datasheet
431Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVN4525E6 KEXIN-KVN4525E6 Datasheet
56Kb / 2P
250V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVN4525E6 DIODES-ZVN4525E6 Datasheet
437Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
MARCH 2001
ZVN4525G DIODES-ZVN4525G Datasheet
419Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
MARCH 2001
ZVN4525Z DIODES-ZVN4525Z Datasheet
443Kb / 8P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
MARCH 2001
ZVN4525E6 DIODES-ZVN4525E6_15 Datasheet
1Mb / 7P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZVN4525G DIODES-ZVN4525G_15 Datasheet
295Kb / 7P
250V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Cystech Electonics Corp...
MTB1K8N25N3 CYSTEKEC-MTB1K8N25N3 Datasheet
651Kb / 9P
250V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com