Electronic Components Datasheet Search
  English  ▼

X  

AP110N25MP Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP110N25MP
Description  250V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP110N25MP Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP110N25MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP110N25MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP110N25MP
250V N-Channel Enhancement Mode MOSFET
AP110N25MP REV1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
250
-
-
V
lGSS
Gate-body Leakage current
VDS = 0V, VGS = ±20V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current TJ=25°C
VDS =2500V, VGS = 0V
-
-
1
μA
IDSS
Zero Gate Voltage Drain Current TJ=100°C
-
-
100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = 250µA
2.0
3.5
4.5
V
RDS(on)
Drain-Source on-Resistance2
VGS = 10V, ID = 20A
-
18
20
mΩ
Ciss
Input Capacitance
VDS =125V, VGS =0V,
f =1MHz
-
10602
-
pF
Coss
Output Capacitance
-
8.1
-
Crss
Reverse Transfer Capacitance
-
270
-
Rg
Gate Resistance
VGS = 0V, VDS = 0V,
f =1MHz
-
1.7
-
Ω
Qg
Total Gate Charge
VDD=100V, ID=55A,
VGS=10V
-
136
-
nC
Qgs
Gate-Source Charge
-
52
-
Qgd
Gate-Drain Charge
-
25
-
td(on)
Turn-on Delay Time
VDD=100,ID=55A,
VGS=10V ,RG=4.7Ω
-
54.5
-
ns
tr
Rise Time
-
24.2
-
td(off)
Turn-off Delay Time
-
73.6
-
tf
Fall Time
-
15.6
-
VSD
Diode Forward Voltage2
IF = 20A, VGS = 0V
-
-
1.2
V
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
-
-
330
A
trr
Body Diode Reverse Recovery Time
IF =40A, dI/dt=100A/µs
-
267
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
765
-
nC
Notes:
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≤ 300us , duty cycle ≤ 2%
3、The EAS data shows Max. rating . The test condition is VDD=50V, VGS=10V, L=0.5mH, IAS=45A
4、The power dissipation is limited by 150°C junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com