Electronic Components Datasheet Search
  English  ▼

X  

MP2617B Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP2617B
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617B Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2617B Datasheet HTML 25Page - Monolithic Power Systems MP2617B Datasheet HTML 26Page - Monolithic Power Systems MP2617B Datasheet HTML 27Page - Monolithic Power Systems MP2617B Datasheet HTML 28Page - Monolithic Power Systems MP2617B Datasheet HTML 29Page - Monolithic Power Systems MP2617B Datasheet HTML 30Page - Monolithic Power Systems MP2617B Datasheet HTML 31Page - Monolithic Power Systems MP2617B Datasheet HTML 32Page - Monolithic Power Systems MP2617B Datasheet HTML 33Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.25
www.MonolithicPower.com
32
8/14/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-20 (3
mmX4mm)
PACKAGE OUTLINE DRAWING FOR 20L FCQFN (3X4MM)-5
MF-PO-D-0147 revision 0.0
SIDE VIEW
BOTTOM VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS
.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE
MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10
MILLIMETERS MAX.
4) JEDEC REFERENCE IS MO-220.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.10 X 45? TYP
0.10 X 45?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com