Electronic Components Datasheet Search
  English  ▼

X  

MP2617B Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2617B
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617B Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2617B Datasheet HTML 2Page - Monolithic Power Systems MP2617B Datasheet HTML 3Page - Monolithic Power Systems MP2617B Datasheet HTML 4Page - Monolithic Power Systems MP2617B Datasheet HTML 5Page - Monolithic Power Systems MP2617B Datasheet HTML 6Page - Monolithic Power Systems MP2617B Datasheet HTML 7Page - Monolithic Power Systems MP2617B Datasheet HTML 8Page - Monolithic Power Systems MP2617B Datasheet HTML 9Page - Monolithic Power Systems MP2617B Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.25
www.MonolithicPower.com
6
8/14/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = 25C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Input Power (IN)
IN Operating Range
VIN
4.0
10
V
IN
Under
Voltage
Lockout
Threshold
Rising
3.65
3.8
3.95
V
Falling
3.35
3.5
3.65
V
IN vs. BATT Threshold
Rising
240
280
320
mV
Falling
40
70
120
mV
BST Voltage Threshold
VBST-VSW
Rising
2.55
2.9
3.25
V
Hysteresis
150
mV
Switching Frequency
1.4
1.6
1.8
MHz
Input Current Limit
IIN
USB2.0 Mode
400
450
500
mA
USB3.0 Mode
750
825
900
mA
Default Mode
1840
2000
2160
mA
Programmable Mode, RILIM=23k
(MP2617B)
1840
2000
2160
mA
Programmable Mode, RILIM=22.47k
(MP2617A)
1840
2000
2160
mA
Programmable Mode,
RILIM=48k (MP2617A)
900
950
1000
mA
Input Current Limit Reference
Voltage
VILIM
1.1
1.14
1.18
V
High-side NMOS On Resistance RH_DS(ON) Include the BLOCK FET
120
130
m
Ω
Low-side NMOS On Resistance RL_DS(ON)
80
100
m
Ω
High-side NMOS Peak Current
limit
3.8
4.8
5.8
A
Input Voltage Clamp Threshold
VVLIM
Voltage on VLIM
1.49
1.52
1.55
V
Input Quiescent Current
IIN
Charger Enabled, USB2.0 Mode
2.4
5
mA
Charger Enabled, USB3.0 Mode
2.8
5
mA
Charger Enable, Programmable Mode
3.8
5
mA
Charger Enabled, Default Mode
3.8
5
mA
Disabled, EN=0V
3
5
uA
SYS
to
IN
reverse
current
blocking
SYS=SW=4.5V,VIN=0V, monitor VIN
leakage
0.01
0.2
uA
SYS Output (MP2617A)
Minimum
SYS
Regulation
Voltage
VSYS
SYS voltage @ VBATT
≤3.4V, SYSFB
float
3.45
3.6
3.75
V
SYS Regulation Voltage
VSYS
3.4V<VBATT
≤4.2V, SYSFB float
BATT Float
3.5
VBATT+
0.2V
4.63
V
User Programmed by SYSFB
4.22
4.63
V
SYS Reference Voltage
VSYS_REF
1.135
1.152
1.170
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com