Electronic Components Datasheet Search
  English  ▼

X  

TAS3308 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3308
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3308 Datasheet(HTML) 5 Page - Texas Instruments

  TAS3308 Datasheet HTML 1Page - Texas Instruments TAS3308 Datasheet HTML 2Page - Texas Instruments TAS3308 Datasheet HTML 3Page - Texas Instruments TAS3308 Datasheet HTML 4Page - Texas Instruments TAS3308 Datasheet HTML 5Page - Texas Instruments TAS3308 Datasheet HTML 6Page - Texas Instruments TAS3308 Datasheet HTML 7Page - Texas Instruments TAS3308 Datasheet HTML 8Page - Texas Instruments TAS3308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TAS3308
DIGITAL AUDIO PROCESSOR
WITH ANALOG INTERFACE
SLES215A – FEBRUARY 2008 – REVISED MARCH 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
DVDD
–0.5
3.8
AVDD
Supply voltage range
–0.5
3.8
V
DVDD_PWM
–0.5
3.8
3.3 V TTL
–0.5
VDDS + 0.5
3.3 V LVCMOS
–0.5
VDDS + 0.5
VI
Input voltage range
V
3.3 V analog
–0.5
AVDDS + 0.5
1.8 V LVCMOS
–0.5
AVDD(2) + 0.5
VO
3.3 V TTL
–0.5
VDDS + 0.5
3.3 V LVCMOS
–0.5
VDDS + 0.5
Output voltage range
3.3 V analog
–0.5
AVDDS + 0.5
V
–0.5
DVDD(3) + 0.5
1.8 V LVCMOS
–0.5
AVDD(4) + 0.5
IIK
Input clamp current
VI < 0 or VI > DVDD
±20
mA
IOK
Output clamp current
VO < 0 or VO > DVDD
±20
mA
Tstg
Storage temperature range
–65
150
°C
Lead temperature 1.6 mm (1/16) inch from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under “absolute ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operation conditions” is
not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
AVDD is an internal 1.8-V supply derived from a regulator in the TAS3308 chip. Pin XTALI is the only TAS3308 input that is referenced
to this 1.8-V logic supply. The absolute maximum rating listed is for reference; only a crystal should be connected to XTALI.
(3)
DVDD is an internal 1.8-V supply derived from regulators in the TAS3308 chip. DVDD is routed to DVDD_BYPASS_CAP to provide
access to external filter capacitors, but should not be used to source power to external devices.
(4)
Pin XTALO is the only TAS3308 output that is derived from the internal 1.8-V logic supply AVDD. The absolute maximum rating listed is
for reference; only a crystal should be connected to XTALO. AVDD is also routed to AVDD_BYPASS_CAP to provide access to external
filter capacitors, but should not be used to source power to external devices.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MEASUREMENTS
MIN
NOM
MAX
UNIT
DVDD
Digital supply voltage
3
3.3
3.6
V
AVDD
Analog supply voltage
3.3 V analog
3
3.3
3.6
V
DVDD_PWM
PWM supply voltage
3.3 V PWM
3
3.3
3.6
V
3.3 V TTL
2
VIH
High-level input voltage
3.3 V LVCMOS (I2C)
0.7
× V
DDS
V
1.8 V LVCMOS (XTL_IN)
1.26
3.3 V TTL
0.8
VIL
Low-level input voltage
3.3 V LVCMOS (I2C)
0
0.3
× V
DDS
V
1.8 V LVCMOS (XTL_IN)
0.54
(specifying parametrics)
0
25
70
Operating ambient air temperature
TA
°C
range
(specifying functions)
–20
25
70
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS3308



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com