Electronic Components Datasheet Search
  English  ▼

X  

TAS3308 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3308
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3308 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS3308 Datasheet HTML 2Page - Texas Instruments TAS3308 Datasheet HTML 3Page - Texas Instruments TAS3308 Datasheet HTML 4Page - Texas Instruments TAS3308 Datasheet HTML 5Page - Texas Instruments TAS3308 Datasheet HTML 6Page - Texas Instruments TAS3308 Datasheet HTML 7Page - Texas Instruments TAS3308 Datasheet HTML 8Page - Texas Instruments TAS3308 Datasheet HTML 9Page - Texas Instruments TAS3308 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TAS3308
DIGITAL AUDIO PROCESSOR
WITH ANALOG INTERFACE
SLES215A – FEBRUARY 2008 – REVISED MARCH 2008
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MEASUREMENT
TEST CONDITIONS
MIN
MAX
UNITS
3.3 V TTL
IOH = –4 mA
2.4
V
3.3 V LVCMOS (I2C)
IOH = –0.10 mA
VDDS – 0.2
V
VOH
High-level output voltage
1.8 V LVCMOS
IOH = –0.6 mA
1.197
V
(XTL_OUT)
3.3 V TTL
IOL = 4 mA
0.5
V
3.3 V LVCMOS (I2C)
IOL = 0.10 mA
0.2
V
VOL
Low-level output voltage
1.8 V LVCMOS
IOL = 1.8 mA
0.585
V
(XTL_OUT)
3.3 V TTL
±20
µA
High-impedance output
IOZ
current
3.3 V LVCMOS (I2C)
Driver only, driver disable
±20
µA
3.3 V TTL
VI = VIL
±1
µA
3.3 V LVCMOS (I2C)
VI = VIL, Receiver only
±1
µA
IIL
(1)
Low-level input current
1.8 V LVCMOS
VI = VIL
±1
µA
(XTL_IN)
1.8 V LVCMOS
VI = VIH
±1
µA
(XTL_IN)
IIH
(2)
High-level input current
3.3 V LVCMOS (I2C)
VI = VIH, Receiver only
±1
µA
3.3 V TTL
VI = VIH
±1
µA
DSP clock = 135 MHz
IDVDD
Digital supply current
LRCLKIN/LRCLKOUT = 48 KHz,
160
mA
XTALI = 24.576 MHz
Analog supply current
DSP clock = 135 MHz
IAVDD
LRCLKIN/LRCLKOUT = 48 KHz,
40
mA
XTALI = 24.576 MHz
IDVDD
Digital supply current
RESET = LOW
100
mA
IAVDD
Analog supply current
RESET = LOW
10
mA
(1)
Value given is for those input pins that connect to an internal pullup resistor as well as an input buffer. For inputs that have a pulldown
resistor or no resistor, IIL is ±1 µa.
(2)
Value given is for those input pins that connect to an internal pulldown resistor as well as an input buffer. For inputs that have a pullup
resistor or no resistor, IIH is ±1 µa.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3308



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com